Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-860-204P-B-R2 Datasheet(PDF) 3 Page - Copal Electronics

Part # PA-860-204P-B-R2
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-860-204P-B-R2 Datasheet(HTML) 3 Page - Copal Electronics

  PA-860-204P-B-R2 Datasheet HTML 1Page - Copal Electronics PA-860-204P-B-R2 Datasheet HTML 2Page - Copal Electronics PA-860-204P-B-R2 Datasheet HTML 3Page - Copal Electronics PA-860-204P-B-R2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thermal error
Consumption current
Output voltage/current
Zero voltage/current
Span voltage/current
Linearity/Hysteresis
Load resistance
Response
1
± 0.05 V
4
± 0.1 mA
4
± 0.05 V
16
± 0.1 mA
± 0.5
± 0.05
± 0.05
         10 mA        
————
1 ~ 5 V
4 ~ 20 mA
10 k
Ω minimum
500
Ω maximum
(At power voltage 24 V)
20
ZERO %F.S./°C
%F.S.
SPAN %F.S./°C
ms
maximum
Item
Model number
PA-860
PA-868
503P
104P
204P
354P
503P
104P
204P
354P
Supply voltage
12 ~ 24
± 10 %
V DC
maximum
DC
PA-860/PA-868
PRESSURE TRANSDUCERS WITH AMP.
■ INTERNAL ELECTRICAL SCHEMATICS
Shield
Main circuit
Sensor
Pressure
Power
B
Output
Common
Shield
Pressure
Power
B
Sensor
Output
Main circuit
O PA-860
O PA-868
■ STANDARD SPECIFICATIONS
O Unless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C and excitation voltage of 12 V DC.
■ ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions (At 25
± 5 °C)
Permissible change
Vibration
10 ~ 500 Hz, 1.5 mm maximum/98.1 m/s2,
3 directions for 2 hours each
490 m/s2
3 directions for 3 times each
106 cycles
0 ∼ Rated pressure
40 °C, 90 ~ 95 %RH, 240 hrs.
Zero voltage/current, Span voltage/current:
± 3 %F.S. maximum each
Shock
Pressure cycling
Moisture resistance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com