Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-860-354P-B-R2 Datasheet(PDF) 2 Page - Copal Electronics

Part # PA-860-354P-B-R2
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-860-354P-B-R2 Datasheet(HTML) 2 Page - Copal Electronics

  PA-860-354P-B-R2 Datasheet HTML 1Page - Copal Electronics PA-860-354P-B-R2 Datasheet HTML 2Page - Copal Electronics PA-860-354P-B-R2 Datasheet HTML 3Page - Copal Electronics PA-860-354P-B-R2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pressure reference
Gauge
0 ~ 5
0 ~ 10
0 ~ 20
0 ~ 35
MPa
Rated pressure range
Output
Fitting
Voltage
output
R2
(R 1/4)
G3
(G 3/8)
Current
output
R2
(R1/4)
G3
(G 3/8)
Non-provided
Provided
Non-provided
Provided
Non-provided
Provided
Non-provided
Provided
■ LIST OF MODEL NUMBERS
PA-860-503P-B-R2
PA-860-104P-B-R2
PA-860-204P-B-R2
PA-860-354P-B-R2
PA-860-503P-H-R2
PA-860-104P-H-R2
PA-860-204P-H-R2
PA-860-354P-H-R2
PA-860-503P-B-G3
PA-860-104P-B-G3
PA-860-204P-B-G3
PA-860-354P-B-G3
PA-860-503P-H-G3
PA-860-104P-H-G3
PA-860-204P-H-G3
PA-860-354P-H-G3
PA-868-503P-B-R2
PA-868-104P-B-R2
PA-868-204P-B-R2
PA-868-354P-B-R2
PA-868-503P-H-R2
PA-868-104P-H-R2
PA-868-204P-H-R2
PA-868-354P-H-R2
PA-868-503P-B-G3
PA-868-104P-B-G3
PA-868-204P-B-G3
PA-868-354P-B-G3
PA-868-503P-H-G3
PA-868-104P-H-G3
PA-868-204P-H-G3
PA-868-354P-H-G3
Drip-proof cover
※ Verify the above model numbers when placing orders.
※1:The transducer measures gauge pressure using an absolute pressure sensing element.
※2:Hydraulic oil is used as a measurement medium at the time of delivery inspection.
■ STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Pressure medium
※2
Insulation resistance
Dielectric strength
Pressure port
Net weight
Protection grade
Model number
PA-860
                PA-868
503P
104P
204P
354P
503P
104P
204P
354P
Gauge ※1
5
10
20
35
5
10
20
35
10
20
40
52.5
10
20
40
52.5
Hydraulic oil
Approx. 170
Without drip-proof cover : IP54, With drip-proof cover : IP65
100 (500 V DC)
350 V AC, 60 s(Leakage current 0.5 mA maximum)
R 1/4、G 3/8
0 ~ 50
35 ~ 85(No condensation)
− 20 ~ 90(Atmospheric pressure, humidity 65 %RH maximum)
− 10 ~ 75
MPa
MPa
°C
°C
%RH
°C
M
Ω
minimum
g
O Unless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C and excitation voltage of 12 V DC.
PA-860/PA-868
PRESSURE TRANSDUCERS WITH AMP.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com