Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-860-503P-H-R2 Datasheet(PDF) 1 Page - Copal Electronics

Part # PA-860-503P-H-R2
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-860-503P-H-R2 Datasheet(HTML) 1 Page - Copal Electronics

  PA-860-503P-H-R2 Datasheet HTML 1Page - Copal Electronics PA-860-503P-H-R2 Datasheet HTML 2Page - Copal Electronics PA-860-503P-H-R2 Datasheet HTML 3Page - Copal Electronics PA-860-503P-H-R2 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Drip-proof cover
1
2
3
4
5
PRESSURE TRANSDUCERS WITH AMP.
PA-860/PA-868
Part name
Material
Sensor chip
Stainless steel diaphragm
Back cover
Fitting
1
2
3
4
5
Silicone
SUS 316L
Iron, Ni-plated
SUS 303
Silicone rubber
INTERNAL STRUCTURE
PA-860/PA-868 (G 3/8)
O Resistant against surge pressure
O SUS 316L welded stainless steel diaphragm
O Built-in amplifier circuit
O Voltage or current output modes are available
■ FEATURES
■ MODEL NUMBER DESIGNATION
PA-860 - 503 P - B - R2
Series name
Rated pressure range
PA-860
:
(Voltage output)
PA-868
:
(Current output)
503
:0 ~ 5 MPa
104
:0 ~ 10 MPa
204
:0 ~ 20 MPa
354
:0 ~ 35 MPa
Pressure unit
P
:Pa pressure unit
Fitting
R2
:R 1/4
G3
:G 3/8
Drip-proof cover
B
:Non-provided
H
:Provided
※Please refer to the LIST OF MODEL NUMBERS when placing orders.


Similar Part No. - PA-860-503P-H-R2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-860 COPAL-PA-860 Datasheet
151Kb / 2P
PRESSURE TRANSDUCER WHTH AMP
More results

Similar Description - PA-860-503P-H-R2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-758 COPAL-PA-758 Datasheet
119Kb / 4P
PRESSURE TRANSDUCERS WITH AMP.
PA-830 COPAL-PA-830 Datasheet
84Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-838 COPAL-PA-838 Datasheet
113Kb / 3P
Pressure Transducers with Amp
PA-870 COPAL-PA-870 Datasheet
614Kb / 4P
Pressure Transducers with Amp.
PA-20 COPAL-PA-20_16 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-708 COPAL-PA-708_16 Datasheet
71Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-858 COPAL-PA-858_16 Datasheet
92Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870_16 Datasheet
83Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-930 COPAL-PA-930_16 Datasheet
83Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-930-A COPAL-PA-930-A Datasheet
79Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com