Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA-930-102G-R2 Datasheet(PDF) 1 Page - Copal Electronics

Part # PA-930-102G-R2
Description  PRESSURE TRANSDUCERS WITH AMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-930-102G-R2 Datasheet(HTML) 1 Page - Copal Electronics

  PA-930-102G-R2 Datasheet HTML 1Page - Copal Electronics PA-930-102G-R2 Datasheet HTML 2Page - Copal Electronics PA-930-102G-R2 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRESSURE TRANSDUCERS WITH AMP.
PA-930
Part name
Material
Pipe
Pressure port
Joint
Cover
Sensor module
1
2
3
4
5
1
2
3
4
5
SUS304
SUS316L
Nickel alloy
PBT (Polybutyleneterephthalate)
Aluminum
INTERNAL STRUCTURE (VC)
O Suitable for high temperature media (150 °C)
O Compact and light weight due to original heat insulation
technology
O High corrosion resistant SUS 316L port and nickel alloy
sensor module
■ FEATURES
■ MODEL NUMBER DESIGNATION
P A - 9 3 0 - 1 0 2 R - V C
Series name
Rated pressure range
102V
:
0 ~
−100 kPa(Gauge-Vacuum)
102G
:
0 ~ 100 kPa
(Gauge)
102R
:
−100 ~ 100 kPa(Gauge-Compound)
103G
:
0 ~ 1000 kPa
(Gauge)
302R
:
−100 ~ 300 kPa(Gauge-Compound)
Pressure port
VC
:9/16-18UNF
R2
:R1/4 (PT1/4)
Pressure port
9/16-18UNF
R1/4 (PT1/4)
(kPa)
Rated pressure range
0 ~
−100
0 ~ 100
−100 ~ 100
−100 ~ 300
0 ~ 1000
■ LIST OF MODEL NUMBERS
PA-930-102V-VC
PA-930-102V-R2
PA-930-102G-VC
PA-930-102G-R2
PA-930-102R-VC
PA-930-102R-R2
PA-930-302R-VC
PA-930-302R-R2
PA-930-103G-VC
PA-930-103G-R2
※Verify the above model numbers when placing orders.


Similar Part No. - PA-930-102G-R2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-930-102A-VC COPAL-PA-930-102A-VC Datasheet
79Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
More results

Similar Description - PA-930-102G-R2

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-758 COPAL-PA-758 Datasheet
119Kb / 4P
PRESSURE TRANSDUCERS WITH AMP.
PA-830 COPAL-PA-830 Datasheet
84Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-838 COPAL-PA-838 Datasheet
113Kb / 3P
Pressure Transducers with Amp
PA-870 COPAL-PA-870 Datasheet
614Kb / 4P
Pressure Transducers with Amp.
PA-20 COPAL-PA-20_16 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-708 COPAL-PA-708_16 Datasheet
71Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-858 COPAL-PA-858_16 Datasheet
92Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-860 COPAL-PA-860_16 Datasheet
92Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870_16 Datasheet
83Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-930-A COPAL-PA-930-A Datasheet
79Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com