Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83840 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS83840
Description  DDR SDRAM MUX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83840 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS83840 Datasheet HTML 1Page - Integrated Circuit Systems ICS83840 Datasheet HTML 2Page - Integrated Circuit Systems ICS83840 Datasheet HTML 3Page - Integrated Circuit Systems ICS83840 Datasheet HTML 4Page - Integrated Circuit Systems ICS83840 Datasheet HTML 5Page - Integrated Circuit Systems ICS83840 Datasheet HTML 6Page - Integrated Circuit Systems ICS83840 Datasheet HTML 7Page - Integrated Circuit Systems ICS83840 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
83840AH
www.icst.com/products/hiperclocks.html
REV. A DECEMBER 22, 2003
4
Integrated
Circuit
Systems, Inc.
ICS83840
DDR SDRAM MUX
t
PD
V
DD
2
V
DD
2
PARAMETER MEASUREMENT INFORMATION
OUTPUT SKEW
2.5V OUTPUT LOAD AC TEST CIRCUIT
V
DD = 1.25V ± 0.1V
-1.25V ± 0.1V
PROPAGATION DELAY
tsk(o)
V
DD
2
V
DD
2
nDPx
nDPy
D or H
H or D
tsk(o)
V
DD
2
V
DD
2
1.25V
1.25V
1.25V
VOH - 0.15V
VOL
VOH
0V
2.5V
tPHZ →
tPZH →
Output nDPx
(See Note)
Sn
(Low-level
enabling)
NOTE: The output is high except when disabled by the Sn control.
←
3-STATE OUTPUT ENABLE/DISABLE TIMES
BANK SKEW (where X denotes outputs in the same bank)
XDP0:XDP9
XDP0:XDP9
SCOPE
Qx
LVCMOS
V
DD
GND
This circuit is used for test purposes only,
not intended for application use.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com