Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CG Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # CG
Description  Reliable Screw Terminal Aluminum Electrolytic Capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CG Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  CG Datasheet HTML 1Page - Cornell Dubilier Electronics CG Datasheet HTML 2Page - Cornell Dubilier Electronics CG Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Ratings
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
Dia.
Length
(µF)
(Ω)
(A) RMS
(Inches) (Inches)
25 WVdc ( 40 Vdc Surge )
1,500
CG152U025R2C
.058
3.5
1.375
2.125
2,800
CG282U025R3C
0.036
5.2
1.375
3.125
3,300
CG332U025R2C
0.043
4.1
1.375
2.125
4,500
CG452U025U3C
0.006
14.8
1.750
3.125
6,000
CG602U025V3C
0.029
7.3
2.000
3.125
6,300
CG632U025R3C
0.028
5.9
1.375
3.125
8,500
CG852U025V4C
0.022
9.4
2.000
4.125
9,200
CG922U025R4C
0.022
7.5
1.375
4.125
10,000 CG103U025U3C
0.026
7.1
1.750
3.125
13,000 CG133U025V3C
0.024
8.0
2.000
3.125
20,000 CG203U025V4C
0.019
10.1
2.000
4.125
20,000 CG203U025X4C
0.019
12.9
3.000
4.125
32,000 CG323U025W4C
0.010
15.9
2.500
4.125
48,000 CG483U025X4C
0.005
25.2
3.000
4.125
35 WVdc ( 50 Vdc Surge )
1,100
CG112U035R2C
0.063
3.4
1.375
2.125
2,100
CG212U035R3C
0.039
5.0
1.375
3.125
2,300
CG232U035R2C
0.051
3.8
1.375
2.125
4,300
CG432U035R3C
0.030
5.7
1.375
3.125
9,500
CG952U035V3C
0.025
7.9
2.000
3.125
11,000 CG113U035W4C
0.021
11.0
2.500
4.125
11,000 CG113U035U4C
0.020
9.1
1.750
4.125
14,000 CG143U035V4C
0.018
10.4
2.000
4.125
22,000 CG223U035W4C
0.011
15.2
2.500
4.125
33,000 CG333U035X4C
0.006
23.0
3.000
4.125
50 WVdc ( 75 Vdc Surge )
800
CG801U050R2C
0.072
3.2
1.375
2.125
1,500
CG152U050R2C
0.058
3.5
1.375
2.125
1,500
CG152U050R3C
0.044
4.7
1.375
3.125
2,000
CG202U050R4C
0.033
6.1
1.375
4.125
2,500
CG252U050U3C
0.037
6.0
1.750
3.125
2,900
CG292U050R3C
0.036
5.2
1.375
3.125
3,300
CG332U050V3C
0.035
6.7
2.000
3.125
4,300
CG432U050R4C
0.026
6.9
1.375
4.125
4,500
CG452U050V4C
0.026
8.6
2.000
4.125
5,000
CG502U050U3C
0.029
6.7
1.750
3.125
6,500
CG652U050V3C
0.017
9.6
2.000
3.125
7,300
CG732U050W4C
0.023
10.5
2.500
4.125
7,400
CG742U050U4C
0.022
8.7
1.750
4.125
9,500
CG952U050V4C
0.013
12.2
2.000
4.125
10,000 CG103U050X4C
0.013
15.6
3.000
4.125
15,000 CG153U050W4C
0.009
16.8
2.500
4.125
16,500 CG1652U050X5L
0.010
20.5
3.000
5.625
22,000 CG223U050X4C
0.006
22.5
3.000
4.125
33,000 CG333U050X5L
0.005
29.0
3.000
5.625
75 WVdc ( 100 Vdc Surge )
600
CG601U075R2C
0.085
2.9
1.375
2.125
800
CG801U075R2C
0.072
3.2
1.375
2.125
1,000
CG102U075R3C
0.053
4.3
1.375
3.125
1,500
CG152U075R4C
0.037
5.8
1.375
4.125
1,500
CG152U075R3C
0.045
4.7
1.375
3.125
2,000
CG202U075U3C
0.039
5.8
1.750
3.125
2,500
CG252U075V3C
0.036
6.6
2.000
3.125
2,600
CG262U075U3C
0.035
6.1
1.750
3.125
Typical Max Ripple
Catalog
ESR
120 Hz
Cap
Part Number
120 Hz
+85 ºC
Dia.
Length
(µF)
(Ω)
(A) RMS
(Inches) (Inches)
75 WVdc ( 100 Vdc Surge )
3,300
CG332U075V3C
0.022
8.4
2.000
3.125
3,450
CG3451U075V4C
0.027
8.5
2.000
4.125
4,900
CG492U075V4C
0.015
11.3
2.000
4.125
7,900
CG792U075W4C
0.012
14.5
2.500
4.125
8,200
CG822U075X4C
0.012
16.3
3.000
4.125
11,000 CG113U075X4C
0.009
18.8
3.000
4.125
12,500 CG1252U075X5L
0.009
21.8
3.000
5.625
100 WVdc ( 135 Vdc Surge )
400
CG401U100R2C
0.180
2.0
1.375
2.125
1,000
CG102U100R4C
0.068
4.3
1.375
4.125
1,300
CG132U100U3C
0.066
4.5
1.750
3.125
1,700
CG172U100W4C
0.050
5.7
1.750
4.125
2,250
CG2251U100V4C
0.036
7.3
2.000
4.125
2,500
CG252U100V4C
0.030
8.0
2.000
4.125
3,600
CG362U100W4C
0.020
11.3
2.500
4.125
4,000
CG402U100W4C
0.019
11.5
2.500
4.125
150 WVdc ( 185 Vdc Surge )
275
CG2750U150R2C
0.170
2.1
1.375
2.125
500
CG501U150R3C
0.103
3.1
1.375
3.125
1,550
CG1551U150V4C
0.052
6.1
2.000
4.125
2,500
CG252U150W4C
0.030
9.2
2.500
4.125
3,600
CG362U150X4C
0.022
9.4
3.000
4.125
5,600
CG562U150X3L
0.014
17.0
3.000
3.625
200 WVdc ( 250 Vdc Surge )
180
CG181T200R2C
0.280
1.6
1.375
2.125
450
CG451T200R4C
0.120
3.2
1.375
4.125
550
CG551T200U3C
0.150
3.0
1.750
3.125
750
CG751T200V3C
0.102
3.9
2.000
3.125
1,000
CG102T200V4C
0.085
4.8
2.000
4.125
1,650
CG1651T200W4C
0.050
7.8
2.500
4.125
2,450
CG2451T200X4C
0.034
9.7
3.000
4.125
3,800
CG382T200X5L
0.023
13.2
3.000
5.625
250 WVdc ( 300 Vdc Surge )
140
CG141T250R2C
0.310
1.5
1.375
2.125
375
CG3750T250R4C
0.130
3.1
1.375
4.125
600
CG601T250V3C
0.091
4.1
2.000
3.125
800
CG801T250V4C
0.072
4.6
2.000
4.125
3,000
CG302T250X5L
0.020
14.2
3.000
5.625
300 WVdc ( 350 Vdc Surge )
525
CG5250T300V3C
0.095
4.0
2.000
3.125
350 WVdc ( 400 Vdc Surge )
100
CG101T350R2C
0.720
1.0
1.375
2.125
180
CG181T350R3C
0.500
1.4
1.375
3.125
250
CG251T350R4C
0.290
2.1
1.375
4.125
400
CG401T350V3C
0.260
2.4
2.000
3.125
550
CG551T350V4C
0.180
3.3
2.000
4.125
2,000
CG202T350X5L
0.061
8.1
3.000
5.625
400 WVdc ( 475 Vdc Surge )
325
CG3250T400V4C
0.220
3.0
2.000
4.125
450 WVdc ( 525 Vdc Surge )
110
CG111T450R4C
1.220
1.0
1.375
4.125
240
CG241T450V4C
0.330
2.4
2.000
4.125
Type CG Reliable Screw Terminal Aluminum Electrolytic Capacitor



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com