Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS83840AHT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS83840AHT
Description  DDR SDRAM MUX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83840AHT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS83840AHT Datasheet HTML 1Page - Integrated Circuit Systems ICS83840AHT Datasheet HTML 2Page - Integrated Circuit Systems ICS83840AHT Datasheet HTML 3Page - Integrated Circuit Systems ICS83840AHT Datasheet HTML 4Page - Integrated Circuit Systems ICS83840AHT Datasheet HTML 5Page - Integrated Circuit Systems ICS83840AHT Datasheet HTML 6Page - Integrated Circuit Systems ICS83840AHT Datasheet HTML 7Page - Integrated Circuit Systems ICS83840AHT Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
83840AH
www.icst.com/products/hiperclocks.html
REV. A DECEMBER 22, 2003
1
Integrated
Circuit
Systems, Inc.
ICS83840
DDR SDRAM MUX
GENERAL DESCRIPTION
The ICS83840 is a DDR SDRAM MUX and is
a member of the HiPerClock S™ family of High
Performance Clock Solutions from ICS. The
device has 10 Host Lines and each host line can
be passed to 4 Data Ports. The 10 channels are
allocated as follows in the DDR SDRAM application: 8 data
lines, 1 strobe line and 1 DQm line. The Host/Data Ports are
compatible with single-ended SSTL-2 and the device oper-
ates from a 2.5V supply.
Guaranteed low output skew makes the ICS83840 ideal for
demanding applications which require well defined perfor-
mance and repeatability.
LOGIC DIAGRAM
FEATURES
• 40 low skew single-ended DIMM ports
• 4 SSTL-2 compatible enable inputs
• Maximum Switching Speed: 3ns
• Output skew: 120ps (maximum)
• Bank skew: 45ps (maximum)
• r
on = 8
Ω (typical)
• Full 2.5V supply modes
• 0°C to 70°C ambient operating temperature
• Pin compatible with the CBTV4010
HiPerClockS™
ICS
SIMPLIFIED SCHEMATIC
HPx
nSn
nDPx
SW
400
Ω
HP0
0DP0
1DP0
2DP0
3DP0
HP9
Sw
Sw
Sw
Sw
0DP9
1DP9
2DP9
3DP9
Sw
Sw
Sw
Sw
nS0
nS1
nS2
nS3
RON
RON
ICS83840
64-Ball TFBGA
7mm x 7mm x 1.2mm
package body
H Package
Top View
PIN ASSIGNMENT
V
D
D
1
S
nc
n0
P
D
10
P
D
20
P
D
31
P
D
21
P
D
32
P
D
0
2
S
nV
D
D
0
S
nD
N
G0
P
D
00
P
H1
P
D
01
P
D
11
P
HD
N
G2
P
D
1
c
n3
S
n
2
P
H2
P
D
2
D
N
G
2
P
D
3
9
P
D
29
P
D
3
3
P
D
03
P
D
1
9
P
D
19
P
H
3
P
H3
P
D
2
9
P
D
08
P
D
3
D
N
G3
P
D
3
8
P
D
2
4
P
D
0
8
P
D
18
P
H
4
P
H4
P
D
1
8
P
D
0D
N
G7
P
H7
P
D
06
P
D
36
P
HD
N
G5
P
D
35
P
H4
P
D
34
P
D
2
7
P
D
37
P
D
27
P
D
16
P
D
26
P
D
16
P
D
05
P
D
25
P
D
15
P
D
0
1
2
34
5
6
789
10
11
A
B
C
D
E
F
G
H
J
K
L


Similar Part No. - ICS83840AHT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83840B ICST-ICS83840B Datasheet
131Kb / 7P
DDR SDRAM MUX
ICS83840BH ICST-ICS83840BH Datasheet
131Kb / 7P
DDR SDRAM MUX
ICS83840BHLF ICST-ICS83840BHLF Datasheet
131Kb / 7P
DDR SDRAM MUX
ICS83840BHLFT ICST-ICS83840BHLFT Datasheet
131Kb / 7P
DDR SDRAM MUX
ICS83840BHT ICST-ICS83840BHT Datasheet
131Kb / 7P
DDR SDRAM MUX
More results

Similar Description - ICS83840AHT

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3224FU0 SAMSUNG-M470L3224FU0 Datasheet
264Kb / 20P
DDR SDRAM SODIMM
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
512Mb DDR SDRAM
logo
NXP Semiconductors
CBTV4010 PHILIPS-CBTV4010 Datasheet
72Kb / 10P
10-bit DDR SDRAM mux/bus switch
2002 Feb 19
logo
Integrated Circuit Syst...
ICS83840B ICST-ICS83840B Datasheet
131Kb / 7P
DDR SDRAM MUX
ICS83841 ICST-ICS83841 Datasheet
123Kb / 8P
20 BIT, DDR SDRAM 2:1 MUX
logo
White Electronic Design...
W3E16M64S-XBX WEDC-W3E16M64S-XBX Datasheet
709Kb / 16P
16Mx64 DDR SDRAM
W3E16M72S-XBX WEDC-W3E16M72S-XBX Datasheet
840Kb / 17P
16Mx72 DDR SDRAM
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
DDR SDRAM
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
256M bits DDR SDRAM 256M bits DDR SDRAM
logo
NXP Semiconductors
CBTV4020 NXP-CBTV4020 Datasheet
105Kb / 16P
20-bit DDR SDRAM 2 : 1 MUX
Rev. 03-4 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com