Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP150CJ Datasheet(PDF) 1 Page - Artesyn Technologies

Part # TLP150CJ
Description  TLP150CJ will fit the TLP150 power supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

TLP150CJ Datasheet(HTML) 1 Page - Artesyn Technologies

  TLP150CJ Datasheet HTML 1Page - Artesyn Technologies TLP150CJ Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INSULATOR
4-40 C'SINK SCREW
WITH 0.25 LONG (4X)
6-32 PAN HEAD SCREW
WITH WASHER
0.25 LONG (4X)
COVER
CHASSIS
Rev. 09.04.07
TLP150CJ Enclosure
1 of 2
Embedded Power for
Business-Critical Continuity
TLP150CJ
Enclosure
Installation Notes
TLP150CJ • Cover Accessory Kit
TLP150CJ will fit the TLP150 power supplies.
Materials
1 Base
1 Cover
4 M3X6mm Pan head screws
with spring washer
4 M3X6mm countersunk
screws
1 M4 nut
1 M4 star washer
1 M4 spring washer
1 Plastic insulator sheet
Installation Instructions and Notes
1. Place the insulator over the chassis as shown.
2. Place TLP150 power supply over the insulator as shown.
3. Align the 4x power supply to the chassis standoff.
4. Secure 4 pan head screws with washer provided with in kit as shown.
5. Place the cover over TLP150 power supply as shown.
6. Align the 4x cover to the U-bracket countersink holes.
7. Secure 4 countersink screws provided with in kit as shown.
8. Overall dimensions: 5.95 (151.13) x 3.4 (86.36) x 1.6 (40.64).
9. Base plate has two sets of customer mountings:
a. Bottom mounting (4X) M3 inserts. Max. screw penetration 0.0787 (2mm)
b. Side mounting (4X) M3 inserts. Max. screw penetration 0.236 (6mm)
10. Ensure insulator is correctly fitted in base under PCB to maintain safety creepage
and clearances.
11. Ensure base is firmly connected to supply earth via the earth stud marked
12. When using this enclosure, ensure that relevant safety standards (e.g. EN60950) are com-
plied with, in respect to creepage and clearance distances, and distances through insulation.
13. All dimensions are in inches (mm)


Similar Part No. - TLP150CJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
TLP150CJ EMERSON-NETWORKPOWER-TLP150CJ Datasheet
314Kb / 2P
TLP150CJ will fit the TLP150 power supplies
More results

Similar Description - TLP150CJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
TLP150CJ EMERSON-NETWORKPOWER-TLP150CJ Datasheet
314Kb / 2P
TLP150CJ will fit the TLP150 power supplies
logo
Holt Integrated Circuit...
HI-3000H HOLTIC-HI-3000H Datasheet
77Kb / 12P
Will not disturb the bus if unpowered
logo
Powerbox
DRP-012V POWERBOX-DRP-012V Datasheet
346Kb / 2P
Power will not de-rate for the entire input voltage range
logo
Delta Electronics, Inc.
DRC-24V60W1AZ DELTA-DRC-24V60W1AZ Datasheet
1Mb / 11P
Power will not de-rate for the entire input voltage range
DRP012V030W1AX DELTA-DRP012V030W1AX Datasheet
1Mb / 12P
Power will not de-rate for the entire input voltage range
DRP024V060W3BX DELTA-DRP024V060W3BX Datasheet
1Mb / 14P
Power will not de-rate for the entire input voltage range
DRP024V120W1BX DELTA-DRP024V120W1BX Datasheet
1Mb / 15P
Power will not de-rate for the entire input voltage range
DRP048V120W1BX DELTA-DRP048V120W1BX Datasheet
1Mb / 15P
Power will not de-rate for the entire input voltage range
PMC-12V035W1AX DELTA-PMC-12V035W1AX Datasheet
1,005Kb / 10P
Power will not de-rate for the entire input voltage range
logo
Shenzhen Huazhimei Semi...
HM2511B HMSEMI-HM2511B Datasheet
439Kb / 6P
When the logic power supply VDD is powered low, the output will enter the Standby mode.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com