Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12Vinsingleoutput Datasheet(PDF) 4 Page - Artesyn Technologies

Part # 12Vinsingleoutput
Description  12 Vin single output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

12Vinsingleoutput Datasheet(HTML) 4 Page - Artesyn Technologies

  12Vinsingleoutput Datasheet HTML 1Page - Artesyn Technologies 12Vinsingleoutput Datasheet HTML 2Page - Artesyn Technologies 12Vinsingleoutput Datasheet HTML 3Page - Artesyn Technologies 12Vinsingleoutput Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Embedded Power for
Business-Critical Continuity
Rev.06.25.07
smt40c
4 of 4
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2007 Emerson Electric Co.
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
16th - 17th Floors, Lu Plaza
2 Wing Yip Street, Kwun Tong
Kowloon, Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
technicalsupport@powerconversion.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
All dimensions in inches (mm)
All tolerance
±0.010in (±0.25mm)
unless otherwise stated
2.280
(57.91)
PCB REF
0.062
(1.57)
0.43
(10.8)
0.105
(2.67)
0.011
(0.27) Typ
0.140
(3.56)
15 x
0.090
(2.29)
2.100
(53.34)
0.045
(1.13)
0.485
(12.33)
1.140
(28.96)
PIN 1
PIN 16
PIN 17
PIN 18
SMT Pin Size (18 PL)
0.102 (2.59) x 0.062 (1.57)
PIN CONNECTIONS
PIN NO.
FUNCTION
PIN NO.
FUNCTION
1
Current Share
10
Vin
2Trim
11
Vin
3
GND
12
Vout
4
GND
13
Vout
5
GND
14
GND
6
Sense-
15
Vout
7Sense+
16
GND
8
Remote ON/OFF
17
Mechanical Support
9
Power Good
18
Mechanical Support



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com