Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMJ1Z95 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # ATMJ1Z95
Description  Bi-direction Type Autofocus Actuator for Cameras
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

ATMJ1Z95 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  ATMJ1Z95 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bi-direction Type Autofocus Actuator for Cameras
ATMJ1Z95 Series
●Specifications provided in this catalog are an outline only. Please
obtain formal delivery specifications before use. ●Colors of
products shown in this catalog may differ slightly from those of the
actual products. ●Product names, company names and names of
standards appearing in this catalog are generally trademarks or
registered trademarks of their respective owners. ●Please contact
us if you have any inquiries about the products and their use. ●This
catalog is valid until December 31, 2016.
●For the export of products which are controlled items subject to foreign and domestic export laws and regulations, you must obtain approval and/or follow the
formalities of such laws and regulations. ●Products must not be used for military and/or antisocial purposes such as terrorism, and shall not be supplied to any party
intending to use the products for such purposes. ●Unless provided for otherwise, the products have been designed and manufactured for application in equipment
and devices which are sold to end users in the market, including audio-visual (AV) equipment, electrical home appliances, office machines, information and
communication equipment, and amusement equipment. The products are not intended for use in, and must not be used for, any application for nuclear equipment,
driving equipment for aerospace or any other unauthorized use. With the exception of the abovementioned prohibited applications, please contact an Alps sales
representative and/or evaluate the total system regarding applicability for applications involving high levels of safety and liability such as medical equipment, burglar
alarm equipment, disaster prevention equipment and undersea equipment. Please also incorporate fail-safe design, protection and redundant circuitry, malfunction
protection, and/or fire protection into the complete system to ensure safety and reliability of the total system. ●Before using products which were not specifically
designed for use in automotive applications, please contact an Alps sales representative.
Precautions when handling our products
Cautions for using this catalog
Inquiries about this product
Product Information Center +81 (3) 5499-8154
Product Information URL http://www.alps.com/products/e/
Typical Specifications
Dimensions
Features
Applications
For 16-megapixel cameras (lens barrel size: 6.9mm diameter)
High sensing precision with ±0.7hPa absolute and ±0.05hPa relative pressure accuracy
High precision achieved with a tilt of less than 1/10th of a degree during lens drive
Automated production enables stable quality and supply
Camera modules for smartphones
Other applications, such as camera-integrated office equipment
Unit : mm
Lens weight
Stroke (when facing upward)
Dimensions(W×D×H)
16-megapixel, 2.8mm Low-Profile Actuator
with Bi-directional Drive for Low Power Consumption
9 × 9 × 2.8 mm
0.12g max.
+190μm (@+70mA)
-90μm (@-40mA)
6.9mm
Lens barrel size (diameter)
9
Ø 6.930
5.5
2- 0.5
GLUE
Terminal(+)
Terminal(-)
GLUE
8


Similar Part No. - ATMJ1Z95

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
ATMJ1Z7 ALPS-ATMJ1Z7 Datasheet
518Kb / 1P
Drives Large-Diameter Lenses and Realizes Low Power Consumption
More results

Similar Description - ATMJ1Z95

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8ZS ROHM-RSB6.8ZS Datasheet
1Mb / 5P
Bi direction ESD Protection Diode
RSB33V ROHM-RSB33V Datasheet
1Mb / 5P
Bi direction ESD Protection Diode
RSBC6.8CS ROHM-RSBC6.8CS Datasheet
1Mb / 4P
Bi direction ESD Protection diode
logo
Jiangsu Changjiang Elec...
ESDBL5V0AE1 JIANGSU-ESDBL5V0AE1 Datasheet
1Mb / 6P
Bi-direction ESD Protection Diode
ESDBU5V0Y1 JIANGSU-ESDBU5V0Y1 Datasheet
698Kb / 6P
Bi-direction ESD Protection Diode
CESDBLC5V0D9 JIANGSU-CESDBLC5V0D9 Datasheet
721Kb / 6P
Bi-direction ESD Protection Diode
ESDBW5V0A1 JIANGSU-ESDBW5V0A1 Datasheet
8Mb / 6P
Bi-direction ESD Protection Diode
ESDBW5V0D3 JIANGSU-ESDBW5V0D3 Datasheet
9Mb / 6P
Bi-direction ESD Protection Diode
logo
SHANGHAI BELLING CO., L...
BL8123 BELLING-BL8123 Datasheet
585Kb / 5P
400mA Bi-Direction Driver
logo
Rohm
BU64253GWZ ROHM-BU64253GWZ Datasheet
1Mb / 20P
Bi-directional VCM Driver for Autofocus
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com