Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA1 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # BA1
Description  0.8mm Pitch Board-to-Board Factory Automation Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

BA1 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  BA1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. BA1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. BA1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. BA1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MB-0218-1
2/4
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
H: SMT, With angle hook pin
Materials and Finishes
Component
Material and Finish
Contact
Copper alloy / Contact area: Au plating over Ni
Terminal area: Au flash plating over Ni
Insulator
Glass filled 9T-Ny / None
Shell
Copper alloy / Reflow Sn plating
Hook
Copper alloy / Sn plating over Ni
Series
Ordering Information
BA1 P 120 H C 1 R500
Pin Side
No. of Contacts
1: Modification Code
C: Contact area with
0.5μm min. Au plating
BA1 S 120 W C 1 R500
Reel Product (500 pcs.)
■
Pin Side
■
Socket Side
■
Pin Side
■
Socket Side
W: SMT, Straight
Series
Socket Side
No. of Contacts
1: Modification Code
C: Contact area with
0.5μm min. Au plating
Reel Product (500 pcs.)
Component
Material and Finish
Contact
Copper alloy / Contact area: Au plating over Ni
Terminal area: Au flash plating over Ni
Insulator
Glass filled 9T-Ny / None
Shell
Copper alloy / Reflow Sn plating



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com