Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSN1M Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # RSN1M
Description  Provides a superior operational feel with high-speed tracking in motor drive mode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSN1M Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

  RSN1M Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSN1M Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSN1M Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSN1M Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSN1M Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RSN1M Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RSN1M Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RSN1M Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Type
Low-profile master type
Motor-driven master type
Series
N Fader
Slim Type
Super P Fader
Motor N Fader
Motor K Fader
Motor V Fader
RS □□ N
RS □□ N11S RS6011 □ P RS □□ N1 □ M RSA0K1 □ V
RSA0V11M
Single-unit/Dual-unit
Single-unit
Single-unit/Dual-unit Single-unit/Dual-unit Single-unit/Dual-unit
Single-unit
Photo
Travel(mm)
60, 100
60
60, 100
100
100
Direction of lever
Vertical
Lever material
Metal
Resin
Operating temperature range
−10℃ to +60℃
Operating life
30,000 cycles
30,000 cycles
300,000 cycles 100,000 cycles
Available for automotive use
ー
ー
ー
ー
ー
ー
Life cycle
Electrical
performance
Total resistance
(k Ω)
10, 50, 100, 250
10, 20, 50
10, 50, 100, 250
10
10
Resistance taper
15A, 1B, 10A
Single-unit:1B
Dual-unit:Servo 1B
Audio 15A, 1B, 10A
1B
Rated Power
0.1W (RS60N)
0.25W (RSA0N)
0.2W (RS60N11S)
0.5W (RSA0N11S)
0.2W (Single-unit)
0.1W (Dual-unit)
0.2W (RS60N1□M)
0.5W (RSA0N1□M)
0.5W
Insulation resistance
100MΩ min. 250V DC
Voltage proof
250V AC for 1 minute
Center-taps
Without
Mechanical
performance
Operating force
Single-unit:0.3   N
Dual-unit:0.4    N
0.3   N
0.5   N
0.8±0.5N
Single-unit:0.4±0.25N
Dual-unit:0.25 to 0.9N
ー
Center detent
Without
Stopper strength
100N
10N
Lever push-pull strength
50N
5N
Lever wobble(mm)
※ Both sides
2(2×L)
25
Lever deviation(mm)
0.5 max.(One side)
Terminal style
Insertion
Lead, Insertion Connector(Fader)
Lead(Motor)
Connector
Page
410
414
417
420
Slide Potentiometers Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 426
Potentiometer Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 427
Potentiometers Measurement and Test Methods ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 429
Potentiometers Resistance Taper ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 431
388
List of Varieties
Slide Potentiometers
Notes
1. Attenuation is specified for residual resistance.
2. "L" in the "Lever Wobble" column of the above table indicates the length of lever.
+0.5
−0.25
+1.0
−0.4
+0.5
−0.25
+0.5
−0.35



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com