Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSN11S Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RSN11S
Description  The thinnest possible body contributes to reduced size, height and weight of the set product
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSN11S Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RSN11S Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSN11S Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSN11S Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSN11S Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSN11S Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
415
127.5
82.2
40.1
(42.1)
1
2
3
3-ø1.5 hole
2-ø2 hole
Dimensions
Unit:mm
No.
2
Style
PC board mounting hole dimensions
(Viewed from mounting side)
1.5
(8)
(14.5)
18.5
t=1.2
In addition to the products listed, we can accommodate the follow specifications.
Configuration code
1
4
9-T
(T-Bar)
Dimensions
8
8
5
4
3
3
18.5
(14.5)
(8)
1.5
t=1.2
t=1.2
t=1.2
Unit:mm
Notes
Marked are specifications recommended by Alps.
Note
Lever Types
10
50
100
250
15A
1B
10A
Total resistance(k Ω)
Resistance taper
Total Resistance Variety
Resistance Taper
Corresponding Specification
Dust cover
Available
Terminal Layout / Circuit Diagram
Low-profile Master Type (Slim Type) / Other Specifications
RS□□N11S/Low-profile Master Type(Slim Type)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com