Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB1 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # CB1
Description  IEC60169-29(Type 0.1/2.3) Standard Compatible Coaxial Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CB1 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  CB1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CB1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CB1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MB-0132-3
2/3
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Characteristic Impedance: 75 ohm
Applicable frequency: DC to 2GHz
V.S.W.R.: 1.2 max. (DC to 1GHz)
Insertion loss 0.3dB (DC to 1GHz)
Rated current: DC0.5A
Rated voltage: AC250Vr.m.s.
Operating temperature:
-40 deg. C to +85 deg. C
Contact resistance:
Signal contact; 4m ohm max.
(after test: 10m ohm max.)
Grand contact; 2.5m ohm max.
      
(after test: 7.5m ohm max.)
Dielectric withstanding voltage:
AC750Vr.m.s, per minute
Insulation resistance: 1000M ohm min.(DC500V)
Materials/ Finishes
Ordering Information
Receptacle(board side)
CB1 S  ***  C  00
Series
Characteristic impedance
C; 75 ohm
Terminal connection type
00; Board connection type
Modify No.
Connector shape
S: Right angle receptacle
Please contact us concerning item other than the following.
Cable products are available in other various, connector types and cable types. Please
consult us.
General Specifications
Technical Information
Part Number
CB1S001C00
CB1S002C00
Componets
Materials/ Finishes
Materials/ Finishes
Insulator
Ethlene tetrafloride
Ethlene tetrafloride
Single contact
(inner conductor)
Copper alloy/ Au plating over Ni
   (0.5 um max.)
Copper alloy/ Au plating over Ni
   (0.5 um max.)
Earth contact
(outer conductor)
Copper alloy/ Au plating over Ni
   (0.3 um max.)
Contact area: Copper alloy/ Au plating over Ni
   (0.3 um max.)
Terminal area: Copper alloy/ Ni plating
Nut
-
Copper alloy/ Ni plating
Zo
Part Number
SJ Drawing
Specifications
Note
CB1S001C00
SJ102929
Right angle type- mass
production under study
CB1S002C00
SJ106901
Right angle bulk type-started
mass production
50 ohm
Cable side plug
connector and
Harness assembly
Receptacle
connector
Mass production(under study)
Mass production(under study)
75 ohm
JACS-20052



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com