Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF2H004DA2 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # CF2H004DA2
Description  FREQUENCY RANGE TO 6GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CF2H004DA2 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  CF2H004DA2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CF2H004DA2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CF2H004DA2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CF2H004DA2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CF2H004DA2 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CF2H004DA2 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CF2H004DA2 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. CF2H004DA2 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
57
COAXIAL CONNECTORS
CF2 Series
■ FREQUENCY RANGE TO 6GHz
■ PLUG-IN COUPLING
CF2
Series
Plug-in small size coaxial connectors that feature a floating
mechanism best suited to rack and panel mounting.
The floating mechanism provides tolerance for location errors at the
time of coupling to ensure good signal and mechanical reliability
when multiple units are mounted on the same board or panel.
●Rack and panel plug-in coaxial connectors.
●Floating mechanism offsets location error when mated up to ±1mm
in the mating direction and
±0.5mm in the radial direction.
●Allowable inclination angle when mating
Horizontal : 1.5 degrees
Vertical
: 1.5 degrees
●A high degree of reliability provides stable electric continuity and
high frequency performance.
●Applications : Base Station for Mobile Communications,
Wireless Power Amplifier modules
In addition to independent cable application type, we also harness
products which satisfy your specification are available.
Refer to pages 109 to 111 for details.
■Guide to Operation Manuals
When using any of these products, please confirm the following
operation manuals.
・For 1.5D-V and 1.5D-W cables : JAHL-2184-1
・For 0.085 and 0.141 inch
Semi-flexible cables
: JAHL-2184-2
■MATERIALS/FINISHES
Description
Materials/Finishes
Copper Alloy/Gold Plated over Nickel
Copper Alloy/Gold Plated over Nickel
Pin Contacts
Socket Contacts
PTFE
Insulator
Copper Alloy/Gold Plated over Nickel
Plug・Front Shell、
Receptacle・Right-angle Flange:
Copper Alloy/Nickel Plated
Plug・Outer Shell:Stainless Steel
Shell
Copper Alloy/Nickel Plated
Sleeve
Copper Alloy/Nickel Plated
Ferrule
Copper Alloy/Nickel Plated
Flat Washer
Piano Wire
Coil Spring
■SPECIFICATIONS
Characteristic Impedance
50Ω
DC to 6GHz
AC500Vr.m.s.(1minute)
500 megohms min.(DC500V)
Center Contacts : 8 milliohms max.
Outer Contacts : 8 milliohms max.
1.2 max.(DC to 3GHz)
1.5D-V, 1.5D-W, UT141, UT85
Frequency Range
D. W. Voltage
Insulation Resistance
Contact Resistance
V. S. W. R.
Applicable Cables



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com