Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CN10-RRP-M-0-R Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # CN10-RRP-M-0-R
Description  PUSH-ON COUPLING
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CN10-RRP-M-0-R Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  CN10-RRP-M-0-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CN10-RRP-M-0-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CN10-RRP-M-0-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CN10-RRP-M-0-R Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CN10-RRP-M-0-R Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CN10-RRP-M-0-R Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CN10-RRP-M-0-R Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
65
COAXIAL CONNECTORS
CN10 Series
■RECEPTACLE
Through-hole Solder Type
・Bulkhead Type
Intermatable with PLUG CABLE ASSEMBLY
(66 Page)
Dimensions in millimeters
■Through-hole Solder・Straight
Part Number
:CN10-RP-M-0
PC BOARD LAYOUT
・MOUNTING SIDE(REF.)
(PC BOARD THICKNESS : 1.6mm )
2.8
0.7
0.3
7.18
5
5.08±0.05
5-φ1
2.54±0.05
■Bulkhead・Straight
Part Number
:CN10-RB1-M-0-R
PANEL MOUNTING HOLE PATTERNS
(REF.)
(PANEL THICKNESS : 1.5 to 2.3mm)
2.3
6.9
M5×0.5
5±0.2
4.5±0.2
0.8±0.1
M5×0.5
■Through-hole Solder・Right-angle
Part Number
:CN10-RRP-M-0-R
CN10-RRP4-M-0-R
PC BOARD LAYOUT
・MOUNTING SIDE(REF.)
P.C.Board edge
(Note)
Mating side
4-φ1.2
2.54±0.05
5.73
5.08
4- 0.65
(7.7)
4.9
2.8
2.8
φ3.66±0.05
【CN10-RRP-M-0-R】
5.73
5.08
4- 0.65
φ3.66±0.05
3.2
2.8
5.3
(8.1)
【CN10-RRP4-M-0-R】
(Note)For combination of right-angle plug & right-angle
receptacle, please be careful to preserve the distance
between the p.c.board edge and the receptacle mounting
location.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com