Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP2 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # CP2
Description  Board-to-Board Floating Coaxial Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CP2 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  CP2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CP2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CP2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/3
MB-0239-1
November 2011
JAE PMK Div. Proprietary. Copyright © 2011, Japan Aviation Electronics Industry, Ltd.
CP2 Series
Board-to-Board Floating Coaxial Connector
The CP2 Series is a board-to-board connection coaxial
connector.
It is a compact connector yet features a floating
structure that absorbs up to a 5 degree position
misalignment horizontally, enabling multiple and
different pitch coaxial connections on same board.
It is cable-less and ideal for connection of devices
requiring space savings.
Features
RoHS Compliant
Receptacle
Plug (with lock)
CP2M001D00
Receptacle
Plug
(without lock)
CP2M002D00
Relay Jack
CP2CP2FF01
General Specifications
External Conductor
Center Conductor
3m
 (initial), 8m (after test)
10m
 (initial), 15m (after test)
Contact Resistance
Push-on
Mating Method
Less than 0.3dB / (up to 3GHz)
Insertion Loss
Less than 1.2 (up to 5GHz)
Voltage Standing Wave Ratio (V.S.W.R.)
500V r.m.s
Dielectric Withstanding Voltage
500M
 (DC500V)
Insulation Resistance
100 times
Mating Durability
DC up to 5GHz
Applicable Frequency Band
500
Characteristic Impedance
Applications
Mobile phones / PHS base stations, wireless communication devices, security cameras,
broad casting devices and related devices, measuring equipment, high-frequency
modules, wire-less power amplifiers, and transmission characteristic tests, etc.
 Cable-less connection (minimum board clearance: 6mm)
achieves high-density and space-saving board-to-board
connection.
 Floating structure enables easy multiple board-to-board
connections by allowing misalignment of up to 0.34mm (5
degrees) in the horizontal direction and up to 0.4mm axially.
 Applicable DC frequency band up to 5GHz, and maintains an
excellent connection characteristic even under misaligned
conditions.
 4.5mm2 outer shell mounting area of external conductor
achieves minimization and space savings.


Similar Part No. - CP2

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CP2 RALTRON-CP2 Datasheet
364Kb / 1P
CLOCK
logo
Laird Tech Smart Techno...
CP2 LSTD-CP2 Datasheet
444Kb / 2P
Precise Temperature Control
logo
ABB
CP2-10B-20 ABB-CP2-10B-20 Datasheet
1Mb / 32P
Pilot devices, 22 mm
edition 3 September 2005
CP2-10L-20 ABB-CP2-10L-20 Datasheet
42Kb / 2P
PUSHBUTTON#CP2-10L-20
CP2-10W-20 ABB-CP2-10W-20 Datasheet
1Mb / 32P
Pilot devices, 22 mm
edition 3 September 2005
More results

Similar Description - CP2

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
0.8mm Pitch Board to Board Floating Connector
logo
Adam Technologies, Inc.
BB5-S-XX ADAM-TECH-BB5-S-XX Datasheet
152Kb / 1P
BOARD TO BOARD CONNECTOR
logo
DDK Ltd.
PML DDK-PML Datasheet
947Kb / 3P
Floating Coaxial Connector
logo
Kyocera Kinseki Corpota...
5015 KSS-5015 Datasheet
430Kb / 3P
Board to Board Connector
5047 KSS-5047 Datasheet
325Kb / 2P
Board to Board Connector
5678 KSS-5678 Datasheet
675Kb / 2P
Board to Board Connector
5689 KSS-5689 Datasheet
525Kb / 2P
Board to Board Connector
5802 KSS-5802 Datasheet
380Kb / 2P
Board to Board Connector
logo
DDK Ltd.
PML-PP2-85-SO-CF DDK-PML-PP2-85-SO-CF Datasheet
948Kb / 3P
Floating Coaxial Connector
logo
Hirose Electric
FX26 HIROSE-FX26 Datasheet
661Kb / 12P
140℃ Heat and Vibration Resistant Board-to-Board Floating Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com