Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV10-CA-RPL-8DW Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # CV10-CA-RPL-8DW
Description  FREQUENCY RANGE TO 3GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CV10-CA-RPL-8DW Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  CV10-CA-RPL-8DW Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CV10-CA-RPL-8DW Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. CV10-CA-RPL-8DW Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. CV10-CA-RPL-8DW Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. CV10-CA-RPL-8DW Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. CV10-CA-RPL-8DW Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. CV10-CA-RPL-8DW Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
74
COAXIAL CONNECTORS
CV10 Series
■PLUG RECEPTACLE
■PLUG
Intermatable with RECEPTACLE
(73 Page)
Dimensions in millimeters
■PLUG RECEPTACLE
Through-hole Solder
・Straight
Part Number
:CV10-PLP-F-0-R
3.45±0.06
φ6
3.9
2.5
1.1
0.3
■Part Number
Cable Assembly Style
One end
Both end
Part Number
CV10-CA**-RPL-8DW
CV10-CA**-2RPL-8DW
Applicable Cables
0.8D EQUIVALENT
(SPECIAL)
(Note)*Add cable length(mm).
PC BOARD LAYOUT
・MOUNTING SIDE(REF.)
+0.2
 0
3.4±0.1
4-φ1.5
■PLUG
Right-angle
6.4
φ2.6
6.4
φ2.6
For Cable application type, harnessed
connectors which satisfy your
specification are supplied.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com