Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGMZ2AA Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # UGMZ2AA
Description  Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

UGMZ2AA Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  UGMZ2AA Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bluetooth
® Communication Module
with Built-in Antenna Type
UGMZ2AA Series
●Specification indicated in this catalog is outline only. When
employing the product,use of an officially authorized specification
for supply contract is recommended. ●Please note that the colors
of products shown in this catalog may b e a lit tl e diffe re nt f rom
thos e of the ac tual pro duc t s . ●Names for p ro duc t s an d
comp anies an d titl es of specifications indicated in this catalog
are mostly trademarks or registered trademarks of their respective
owners. ●Please contact us for any enquiries and queries on our
products and their uses. ●This catalog is valid till the end of
December 2016.
●For the export of products which are controlled items subject to foreign and domestic export laws and regulations, you must obtain approval and/or follow the
formalities of such laws and regulations. ●Products must not be used for military and/or antisocial purposes such as terrorism, and shall not be supplied to any party
intending to use the products for such purposes. ●Unless provided for otherwise, the products have been designed and manufactured for application in equipment
and devices which are sold to end users in the market, including audio-visual (AV) equipment, electrical home appliances, office machines, information and
communication equipment, and amusement equipment. The products are not intended for use in, and must not be used for, any application for nuclear equipment,
driving equipment for aerospace or any other unauthorized use. With the exception of the abovementioned prohibited applications, please contact an Alps sales
representative and/or evaluate the total system regarding applicability for applications involving high levels of safety and liability such as medical equipment, burglar
alarm equipment, disaster prevention equipment and undersea equipment. Please also incorporate fail-safe design, protection and redundant circuitry, malfunction
protection, and/or fire protection into the complete system to ensure safety and reliability of the total system. ●Before using products which were not specifically
designed for use in automotive applications, please contact an Alps sales representative.
Precautions when handling our products
Cautions for using this catalog
Inquiries about this product
■
Product Information Center +81 (3) 5499-8154
■
Product Information URL http://www.alps.com/products/e/
Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
Typical Specifications
Dimensions
Features
Applications
● Compact dimensions: 4.7 × 4.7 × 2.0mm
● Low power consumption at 5.1mA (sleep: 0.6μA)
● Built-in antenna helps reduce the workload during equipment development and design
● Technical Conformity Japan, FCC and CE certification
● IoT devices, wearable computers, pen type devices, healthcare devices,
energy management system (xEMS) devices
Dimensions(W x D x H)
Power consumption
Bluetooth®
version
Built-in crystal
Interface
Rx : 5.1mA
Sleep : 0.6μA
Reference : 16MHz,
Sub : 32.768kHz
4.7 × 4.7 × 2.0 mm
Bluetooth®
Ver 4.1
※Alps Electric research as of June 2016
Unit : mm
4.7
2.0 max.
1.65
0.70
2.10
3.65
(0.525)
0.525
4-□0.75
24-0.3×0.75
C0.3
※
UART, SPI , I2C


Similar Description - UGMZ2AA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302A TI-TMP302A Datasheet
415Kb / 11P
Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
logo
Agilent(Hewlett-Packard...
L4411A HP-L4411A Datasheet
249Kb / 7P
Leading the Industry in High-Performance System Test
logo
Texas Instruments
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
logo
Lumileds Lighting Compa...
PB157 LUMILEDS-PB157 Datasheet
1Mb / 2P
Industry-leading solutions for low and high beam lamps
logo
MKS Instruments.
628E MKS-628E Datasheet
262Kb / 4P
Industry-leading accuracy and repeatability
logo
Endress+Hauser Group Se...
CPS341D EH-CPS341D Datasheet
530Kb / 12P
pH sensor for use in the pharmaceutical industry and food production
2022-11-21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com