Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD246A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BD246A
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD246A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD246A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD246A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon PNP Power Transistor
BD246/A/B/C
DESCRIPTION
·
Collector Current -IC= -10A
·
Collector-Emitter Breakdown Voltage-
: V(BR)CEO = -45V(Min)- BD246; -60V(Min)- BD246A
-80V(Min)- BD246B; -100V(Min)- BD246C
·
Complement to Type BD245/A/B/C
APPLICATIONS
·
Designed for use in general purpose power amplifier and
switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCER
Collector-Emitter
Voltage (RBE= 100Ω)
BD246
-55
V
BD246A
-70
BD246B
-90
BD246C
-115
VCEO
Collector-Emitter
Voltage
BD246
-45
V
BD246A
-60
BD246B
-80
BD246C
-100
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-10
A
ICM
Collector Current-Peak
-15
A
IB
Base Current
-3
A
PC
Collector Power Dissipation
@ Ta=25℃
3
W
Collector Power Dissipation
@ TC=25℃
80
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.56
℃
/W


Similar Part No. - BD246A

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD246A POINN-BD246A Datasheet
91Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Transys Electronics
BD246A TRSYS-BD246A Datasheet
465Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD246A BOURNS-BD246A Datasheet
108Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD246A SAVANTIC-BD246A Datasheet
145Kb / 3P
Silicon PNP Power Transistors
logo
Comset Semiconductor
BD246A COMSET-BD246A Datasheet
75Kb / 3P
PNP SINGLE-DIFFUSED MESA SILICON POWER TRANSISTORS
More results

Similar Description - BD246A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA743 ISC-2SA743 Datasheet
104Kb / 2P
isc Silicon PNP Power Transistor
BDX20 ISC-BDX20 Datasheet
77Kb / 2P
isc Silicon PNP Power Transistor
BD908 ISC-BD908 Datasheet
106Kb / 2P
isc Silicon PNP Power Transistor
2SA1758 ISC-2SA1758 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
2SA744 ISC-2SA744 Datasheet
72Kb / 2P
isc Silicon PNP Power Transistor
2SA1301 ISC-2SA1301 Datasheet
78Kb / 2P
isc Silicon PNP Power Transistor
2SA1386 ISC-2SA1386 Datasheet
148Kb / 3P
isc Silicon PNP Power Transistor
MJE2901T ISC-MJE2901T Datasheet
101Kb / 2P
isc Silicon PNP Power Transistor
2SA671 ISC-2SA671 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
2SB679 ISC-2SB679 Datasheet
79Kb / 2P
isc Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com