Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX4 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # DX4
Description  USB 2.0 Compatible Micro Connectors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DX4 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  DX4 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DX4 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MB-0187-3
JAE PMK Div. Proprietary. Copyright © 2014, Japan Aviation Electronics Industry, Ltd.
2/10
Micro-USB
Connector
Type
Part Number
SJ
Drawing
Specificat
ion
Mounting Type
Mating
Taper
Mating Area
Reinforcement
Plate
Type B
DX4R005JJ2 (Individual Unit)
SJ110578
JACS-
30162
On-board
Standard
Yes
No
(Standard
Type)
DX4R005JJ2R1800 (Reel Unit)
SJ110579
DX4R005HJ5 (Individual Unit)
SJ111770
JACS-
30185
No
DX4R005HJ5R2000 (Reel Unit)
SJ111771
DX4R005JJ6 (Individual Unit)
SJ112420
JACS-
30251
Mid-mount
Yes
DX4R005JJ6R1500 (Reel Unit)
SJ112421
DX4R005JJ7 (Individual Unit)
SJ112422
JACS-
30252
No
DX4R005JJ7R1500 (Reel Unit)
SJ112423
DX4RN05JJ3 (Individual Unit)
SJ112800
JACS-
30257
No
Yes
(Mating
Area
Reinforced
Type)
DX4RN05JJ3R2000 (Reel Unit)
SJ112801
DX4R105JJC (Individual Unit)
SJ113218
JACS-
30281
On-board
Reverse
Yes
DX4R105JJCR1800 (Reel Unit)
SJ113219
Type AB
DX4R205JJA (Individual Unit)
SJ112925
JACS-
30267
Standard
No
DX4R205JJAR1800 (Reel Unit)
SJ112926
DX4R305JJB (Individual Unit)
SJ112927
JACS-
30268
Reverse
DX4R305JJBR1800 (Reel Unit)
SJ112928
DX4R205JJ8 (Individual Unit)
SJ112802
JACS-
30258
Mid-mount
Standard
Yes
DX4R205JJ8R2000 (Reel Unit)
SJ112803
DX4R205JJ9 (Individual Unit)
SJ112804
JACS-
30259
No
DX4R205JJ9R2000 (Reel Unit)
SJ112805
Note: Please place orders in reel units.
Component
Material and Finish
Insulator
Synthetic Resin
Contact
Copper alloy / Contact area: Au flash plating over Pd-Ni alloy over Ni
Terminal area: Au flash plating over Ni
Shell
Stainless Steel / Sn plating over Ni
*For more information please refer to individual product drawings.
Board Connection Type (Shell area)
J: Through-hole type, H: Hold-down type
Reel: 1800 pcs. / reel
DX4R005JJ2R1800
Series
R: Receptacle
No. of Contacts: 5 pos.
Modification Code: #2
Plating Specification
J: Contact area: Au flash over Pd-Ni alloy over Ni
DX4: USB2.0 Micro
Modification Code: #1
Materials and Finishes
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com