Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF02HCLP06B Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # DF02HCLP06B
Description  Half-pitch (1.27mm) Interface Connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DF02HCLP06B Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  DF02HCLP06B Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP06B Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP06B Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP06B Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP06B Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP06B Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP06B Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP06B Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DF02HCLP06B Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MB-0276-4
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
2/11
General Specifications
Line-up
Materials and Finishes
Item
Line-up
Receptacle
Plug
Pin Count Variation
14pos., 20 pos.,26 pos.,
36 pos., 50 pos.,
14pos., 20 pos., 26 pos.,
36 pos., 50 pos., 68pos.,
Termination Variation Through-hole
Soldering (22AWG to 30AWG)
IDC (28AWG, 30AWG)
Specification
Rated Current
0.5A / 1pos.
Rated Voltage
AC250Vr.m.s
Contact Resistance
35m
 max. (initial)
Variance ±25m
 max. (after test)
Insulation Resistance
Individual connector 100M
 min. (initial)
10M
 min. (after test)
Dielectric Withstanding Voltage
Individual connector AC500Vr.m.s (initial)
AC300Vr.m.s (after test)
Operating Temperature
-20 Deg. C to +80 Deg. C
Product
Part
Materials /Finishes
Receptacle
Insulator
9TNY
Locator
9TNY
Lug
Steel / Ni Plating
Shell
Steel / Sn Plating
Nut
Brass / Ni Plating
Contact
Copper Alloy / Au plating on contact area
Plug
Plug Individual
Unit
Insulator
6-6NY
Contact
Copper alloy / Au plating on contact area
Shell
Steel / Ni plating
Cover (Note 1)
PBT
Hood
Hood A
ABS / Ni plating
Hood B
ABS / Ni plating
Lock Spring
Stainless Steel
Nut
Steel / Ni plating
Fixing Screw
Steel / Ni plating
Clamp Plate
Clamp Plate
Steel / Ni plating
Note 1: A cover is not included in a soldering type plug individual unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com