Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # HD
Description  Board-to-Cable Connector for High-speed Transmission
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

HD Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  HD Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. HD Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. HD Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. HD Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. HD Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. HD Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. HD Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. HD Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/8
MB-0247-1
June 2012
JAE PMK Div. Proprietary. Copyright © 2012,Japan Aviation Electronics Industry, Ltd.
Features
HD Series Connector
Board-to-Cable Connector for High-speed Transmission
RoHS Compliant
JAE has recently developed the HD Series of connectors (HD1: 40 pos. HD2: 30 pos.) for
notebook PC LCD interface applications. The HD Series connectors are compatible with
LVDS transmission and LED backlight as standardized in the VESA® 16:9 Wide Notebook
Panel Standard, and are licensed products for the Dai-ichi Seiko Co., Ltd. (I-PEX)
CABLINE®-VS.
 Products licensed by Dai-ichi Seiko Co., Ltd. (I-PEX)
 Fully compatible with the Dai-ichi Seiko., Ltd. (I-PEX) CABLINE®-VS
 Compatible with LVDS transmission
 HD1: 40 position (receptacle and plug); HD2: 30 position (receptacle)
 Pb-free
 Halogen-free
Note: CABLINE-VS is a registered trademark of Dai-ichi Seiko Co., Ltd. (I-PEX)
40 position
30 position
LICENSED BY DAI-ICHI SEIKO CO., LTD.(I-PEX)


Similar Description - HD

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-D JAE-FI-D Datasheet
735Kb / 4P
Board to Cable Connector Compatible to High Speed Differential Transmission
FI-G JAE-FI-G Datasheet
279Kb / 7P
Board to Cable Connector Compatible to High-Speed Differential Transmission
FI-X30HL-B JAE-FI-X30HL-B Datasheet
255Kb / 5P
Board-to-Cable Connector for High Speed Differential Transmission
logo
List of Unclassifed Man...
TM24RSG-5A-88 ETC2-TM24RSG-5A-88 Datasheet
411Kb / 5P
Modular Jack Connector for High-Speed Transmission
HD1S040HA1R6000 ETC2-HD1S040HA1R6000 Datasheet
691Kb / 8P
Board-to-Cable Connector for High-speed Transmission HD Series Connector
HD1P040MA1R6000 ETC2-HD1P040MA1R6000 Datasheet
691Kb / 8P
Board-to-Cable Connector for High-speed Transmission HD Series Connector
logo
Japan Aviation Electron...
FI-M JAE-FI-M Datasheet
447Kb / 7P
Board to Cable Connector for High speed Differential Transmission
FI-NX JAE-FI-NX Datasheet
1Mb / 10P
Board-to-Cable Connector for High-Speed Differential Transmission
HJ1 JAE-HJ1 Datasheet
633Kb / 9P
High-speed Differential Transmission Compatible Board-to-Cable Connector
TX24A JAE-TX24A Datasheet
581Kb / 4P
1.27mm Pitch High-speed Transmission Board-to-Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com