Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FO-BC-R-DC2 Datasheet(PDF) 16 Page - Japan Aviation Electronics Industry, Ltd.

Part # FO-BC-R-DC2
Description  Outdoor Use Waterproof I/O Connectors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FO-BC-R-DC2 Datasheet(HTML) 16 Page - Japan Aviation Electronics Industry, Ltd.

Back Button FO-BC-R-DC2 Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC2 Datasheet HTML 13Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC2 Datasheet HTML 14Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC2 Datasheet HTML 15Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC2 Datasheet HTML 16Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC2 Datasheet HTML 17Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC2 Datasheet HTML 18Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC2 Datasheet HTML 19Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC2 Datasheet HTML 20Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MB-0226-2
16/23
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
Type
Configuration
Part Number
SJ Drawing
Applicable Wire
Outer
Diameter
Socket
Contact
(Crimp)
Contacts in
pieces
(100 pcs.)
JN1-22-20S-R-PKG100
SJ035503
20, 21AWG
Dia. 1.5 max.
JN1-22-22S-PKG100
21 to 25AWG
Dia. 1.5 max.
JN1-22-26S-PKG100
26 to 28AWG
Dia. 1.1 max.
Contacts in
reel
(10,000 pcs.)
JN1-22-20S-R-10000
SJ035504
20, 21AWG
Dia. 1.5 max.
JN1-22-22S-10000
21 to 25AWG
Dia. 1.5 max.
JN1-22-26S-10000
26 to 28AWG
Dia. 1.1 max.
Pin
Contact
(Crimp)
Contacts in
pieces
(100 pcs.)
JN1-22-20P-R-PKG100
SJ037430
20, 21AWG
Dia. 1.5 max.
JN1-22-22P-PKG100
21 to 25AWG
Dia. 1.5 max.
JN1-22-26P-PKG100
26 to 28AWG
Dia. 1.1 max.
Contacts in
reel
(10,000 pcs.)
JN1-22-20P-R-10000
SJ037431
20, 21AWG
Dia. 1.5 max.
JN1-22-22P-10000
21 to 25AWG
Dia. 1.5 max.
JN1-22-26P-10,000
26 to 28AWG
Dia. 1.1 max.
JN2/W
■ Chart of Crimp Tool ( The same as JN1 / 2 Series)
Note 1: The * in the part number will stand for P: Pin Contact, S: Socket Contact.
Note 2: Please contact us concerning connection tool, contact removal tool and the RoHS compliance of the
tools for this series.
Note 3: When using 350-D02-2, adjustment of tool will be needed.
Type of Tool
Instruction
Manual for
Tooling
Applicable
Tooling
Applicable
Wire
Outer
Diameter
Part Number of
Applicable Crimp
Contact (Note 1)
Hand Crimp
(for contacts in
pieces)
T700253
CT150-2-JN1-D
20, 21AWG
Dia.1.3 to 1.5
JN1-22-20*-R-PKG100
25AWG
Dia.0.8 to 1.0
JN1-22-22*-PKG100
CT150-2-JN1-E
21, 23AWG
Dia.1.0 to 1.5
JN1-22-22*-PKG100
25AWG
Dia.0.8 to 1.0
T700238
CT150-2-JN1-B
22, 24AWG
Dia.1.0 to 1.3
JN1-22-22*-PKG100
26, 28AWG
Dia.0.8 to 1.0
JN1-22-26*-PKG100
Semi-
automatic
Crimp
(for contacts in
reel)
T703294
350-JN1-2C
20 to
28AWG
Dia.0.8 to 1.5
JN1-22-20*-R-10000
JN1-22-22*-10000
JN1-22-26*-10000
T703413
350-D02-2
(Note 3)
■ Applicable Contact (Sold separately) (The same as JN1 / 2 Series)
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com