Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR4-FUNCTIONAL Datasheet(PDF) 3 Page - Keysight Technologies

Part # DDR4-FUNCTIONAL
Description  DDR4 Functional/Protocol Debug and Analysis Reference Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DDR4-FUNCTIONAL Datasheet(HTML) 3 Page - Keysight Technologies

  DDR4-FUNCTIONAL Datasheet HTML 1Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 2Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 3Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 4Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 5Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 6Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 7Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 8Page - Keysight Technologies DDR4-FUNCTIONAL Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
03 | Keysight | DDR4 Functional/Protocol Debug and Analysis Reference Solution - Solution Brochure
Acquire
Connect
View and analyze
DIMM and SODIMM interposers
BGA interposers
Mid-bus and specialty probing
B4661A memory analysis software
U4164A logic
analyzer module
Reference Solution Architecture
– Connect to your system by selecting probing specific to your device under test.
– Aquire trace captures using the U4164A module(s) in an M9502A/05A chassis with a host
controller. The number of U4164A modules and options for the modules varies depending
on the probing and data rate required.
– View and analyze the B4661A memory analysis software.
1. For a more complete set of configuration options and examples, please refer to the DDR4 Functional/
Protocol Debug and Analysis Reference Solution Configuration Guide, literature number 5992-1539EN.
Accelerate DDR4 Insight using the U4164A
– Capture highest data
rates!
– Address and command
for DDR4 up to
5000 Mb/s and data
up to 4000 Mb/s
– Capture smallest eyes!
– 100 mV x 100 ps at
probe point
– Sequential triggers up to
2.5 GHz or 4000 Mb/s!
– 12.5 GHz timing zoom
– 256k deep
– Up to 400M deep traces
B4661A memory analysis
software
– Listing with decoders
– Performance analysis
– Functional protocol
compliance analysis for
DDR4
– Post-process compliance
violation analysis
– Powerful traffic overview
for rapid navigation to
areas of interest
– Analyzes and displays
Activate/Read/Write/
Precharge (page open/
page close)
– Memory access views
include BA: Row vs. time
to highlight hot spots for
potential row hammer
issues
– Unique refresh rate view:
Rolling window of % of
refresh
– Improve system
performance with
detailed metrics and
graphs
DDR eye scan
– Bus level signal integrity
insight
– Qualitative insight for
hundreds of signals
– Scanned relative to each
other under the same
stimulus



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com