Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KD10-RRP-F-0 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # KD10-RRP-F-0
Description  SIMPLIFIED COAXIAL, MULTIPLETYPE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KD10-RRP-F-0 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  KD10-RRP-F-0 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP-F-0 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP-F-0 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP-F-0 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP-F-0 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. KD10-RRP-F-0 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
67
COAXIAL CONNECTORS
KD10/KD20 Series
■ FREQUENCY RANGE TO 300MHz
■ SIMPLIFIED COAXIAL, MULTIPLETYPE
KD10/KD20 Series
KD10/KD20 series are different from conventional single position
independent coaxial connectors.
The multiple simplified coaxial connectors of these series have
several positions in a single housing. All cables can be mated or
unmated en masse on the board. Easy to operate.
Applicable to a middle/low band high frequency from DC to 300 MHz.
Characteristic impedance : 50 or 75 ohm.
●Number of positions : 1,3,5,8
●Push-on feature easy to mate and unmate.
Simple locking mechanism with polarizing key.
●Low profile : 6.1 mm high on board
●Receptacle with kinked holddowns.
It facilitates temporary insertion/fitting for soldering.
●The central contact of KD20 types are plated with thick gold of
0.3
μm or more. A higher degree of reliability with two electric
contact points. Plug with heat resistant cable.
●Applications :
50
Ω Type/Digital Information Equipment, Communications
Equipment, Measuring Instruments,
Factory Automation Equipment
75
Ω Type/Image Equipment, Broadcasting Equipment,
Multimedia Equipment
For the cable application type, harnessed connectors which satisfy
your specification are supplied.
We can also provide connectors and cables other than those listed in
this catalog. For details, please consult us.
■SPECIFICATIONS
Characteristic Impedance
50Ω & 75Ω
DC to 300MHz
AC250Vr.m.s.(1minute)
100 megohms min.(DC250V)
Center Contacts : 80 milliohms max.
Outer Contacts : 30 milliohms max.
1.3 max.(DC to 300MHz)
50Ω:0.8D-IEV
(LF)
For KD20/CO-6F-SB-CX50
75Ω:0.8CV-E41447
(LF)
Frequency Range
D. W. Voltage
Insulation Resistance
Contact Resistance
V. S. W. R.
Applicable Cables
■MATERIALS/FINISHES
Description
Materials/Finishes
Copper Alloy/Gold Plated
(Gold Plated Thickness :
KD10…0.1μm min.KD20…0.3μm min.)
Glass-filled 6-6Nylon
Contacts
Insulator
Copper Alloy/Tin Plated
Hold-down
●Through-hole Solder
Right-angle
P/N:KD※-RRP*-F-0
Receptacle
●Straight
Cable Assembly
P/N:KD※-C**-PL*-8*V-*
Plug
■Types and Combinations



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com