Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN120N20 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN120N20
Description  HiPer FET Power MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN120N20 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN120N20 Datasheet HTML 1Page - IXYS Corporation IXFN120N20 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
200
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
200
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C
120
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
480
A
I
AR
T
C
= 25
°C
120
A
E
AR
T
C
= 25
°C64
mJ
E
AS
T
C
= 25
°C3
J
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS
5
V/ns
T
J
£ 150°C, R
G = 2 W
P
D
T
C
= 25
°C
600
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
-
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL £ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque
1.5/13 Nm/lb.in.
Weight
30
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 3mA
200
V
V
GS(th)
V
DS = VGS, ID = 8mA
2
4 V
I
GSS
V
GS = ±20 V, VDS = 0
±200 nA
I
DSS
V
DS
= V
DSS
T
J =
25
°C
100
mA
V
GS = 0 V
T
J = 125°C2 mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
17 m
W
Note 1
96538C (7/99)
IXFN 120N20
V
DSS
=
200 V
I
D25
=
120 A
R
DS(on) =
17 m
W
t
rr £ 250 ns
HiPerFETTM
Power MOSFETs
Single MOSFET Die
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt, Low t
rr
S
G
S
D
miniBLOC, SOT-227 B (IXFN)
E153432
G = Gate
D = Drain
S = Source
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
Features
• Encapsulating epoxy meets
UL 94 V-0, flammability classification
• International standard package
• miniBLOC, with Aluminium nitride
isolation
• Low R
DS (on) HDMOS
TM process
• Rugged polysilicon gate cell structure
• Unclamped Inductive Switching (UIS)
rated
• Low package inductance
• Fast intrinsic Rectifier
Applications
• DC-DC converters
• Battery chargers
• Switched-mode and resonant-mode
power supplies
• DC choppers
• Temperature and lighting controls
• Low voltage relays
Advantages
• Easy to mount
• Space savings
• High power density
Preliminary data sheet
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXFN120N20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFN120N20 ISC-IXFN120N20 Datasheet
535Kb / 3P
N-Channel MOSFET
More results

Similar Description - IXFN120N20

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK48N50Q IXYS-IXFK48N50Q Datasheet
48Kb / 2P
HiPer FET Power MOSFETs Q-CLASS
IXFH75N10Q IXYS-IXFH75N10Q Datasheet
154Kb / 2P
HIPER FET POWER MOSFETS Q CLASS
logo
Glenair, Inc.
280-088P GLENAIR-280-088P Datasheet
330Kb / 2P
HiPer-D Combo Connectors
289-003 GLENAIR-289-003 Datasheet
227Kb / 2P
HiPer-D Accessories
289-012 GLENAIR-289-012 Datasheet
230Kb / 2P
HiPer-D Accessories
289-014 GLENAIR-289-014 Datasheet
127Kb / 1P
HiPer-D Accessories
289-015 GLENAIR-289-015 Datasheet
179Kb / 1P
HiPer-D Accessories
289-052 GLENAIR-289-052 Datasheet
89Kb / 1P
HiPer-D Accessories
289-057 GLENAIR-289-057 Datasheet
151Kb / 1P
HiPer-D Accessories
600-058-TOOL GLENAIR-600-058-TOOL Datasheet
330Kb / 1P
HiPer-D Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com