Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXST40N60B Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXST40N60B
Description  High Speed IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXST40N60B Datasheet(HTML) 1 Page - IXYS Corporation

  IXST40N60B Datasheet HTML 1Page - IXYS Corporation IXST40N60B Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MW
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25
°C75
A
I
C90
T
C
= 90
°C40
A
I
CM
T
C
= 25
°C, 1 ms
150
A
SSOA
V
GE= 15 V, TJ = 125°C, RG = 2.7 W
I
CM = 80
A
(RBSOA)
Clamped inductive load, V
CC= 0.8 VCES
@ 0.8 V
CES
t
SC
V
GE= 15 V, VCE = 360 V, TJ = 125°C
10
ms
(SCSOA)
R
G = 22 W, non repetitive
P
C
T
C
= 25
°C
280
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
6g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 250
mA, V
GE = 0 V
600
V
V
GE(th)
I
C
= 4 mA, V
CE = VGE
47
V
I
CES
V
CE
= 0.8 • V
CES
T
J = 25°C25
mA
V
GE = 0 V
T
J = 125°C1
mA
I
GES
V
CE
= 0 V, V
GE = ±20 V
±100 nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
2.2
V
Features
• International standard packages
• Guaranteed Short Circuit SOA
capability
• Low V
CE(sat)
- for low on-state conduction losses
• High current handling capability
• MOS Gate turn-on
- drive simplicity
• Fast Fall Time for switching speeds
up to 50 kHz
Applications
• AC and DC motor speed control
• Uninterruptible power supplies (UPS)
• Welding
Advantages
• Easy to mount with 1 screw (TO-247)
(isolated mounting screw hole)
• High power density
98521B (7/00)
G = Gate
E = Emitter
TAB = Collector
TO-247 AD (IXSH)
(TAB)
TO-268 (D3) ( IXST)
(TAB)
G
E
High Speed IGBT
Short Circuit SOA Capability
IXSH 40N60B
IXST 40N60B
C
E
G
IXYS reserves the right to change limits, test conditions, and dimensions.
V
CES
=
600V
I
C25
=
75A
V
CE(sat)
=
2.2V
t
fi typ
=
100 ns
Preliminary data


Similar Part No. - IXST40N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXST45N120B IXYS-IXST45N120B Datasheet
58Kb / 2P
High Voltage IGBT S Series - Improved SCSOA Capability
More results

Similar Description - IXST40N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH30N60B IXYS-IXSH30N60B Datasheet
131Kb / 4P
High Speed IGBT
IXSH35N100A IXYS-IXSH35N100A Datasheet
80Kb / 4P
High speed IGBT
IXGH17N100 IXYS-IXGH17N100 Datasheet
69Kb / 2P
Low V IGBT High speed IGBT
IXSH24N60B IXYS-IXSH24N60B Datasheet
107Kb / 2P
High Speed IGBT
IXSP20N60B2D1 IXYS-IXSP20N60B2D1 Datasheet
181Kb / 6P
High Speed IGBT
IXSP24N60B IXYS-IXSP24N60B Datasheet
75Kb / 2P
High Speed IGBT
logo
Vincotech
10-PY124PA080FV-L589F88Y VINCOTECH-10-PY124PA080FV-L589F88Y Datasheet
427Kb / 7P
High speed IGBT
logo
Inchange Semiconductor ...
IXYH40N120 ISC-IXYH40N120 Datasheet
429Kb / 3P
High-Speed IGBT
IXYN82N120 ISC-IXYN82N120 Datasheet
528Kb / 3P
High-Speed IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com