Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FO-BC-R-DC3 Datasheet(PDF) 15 Page - Japan Aviation Electronics Industry, Ltd.

Part # FO-BC-R-DC3
Description  Outdoor Use Waterproof I/O Connectors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FO-BC-R-DC3 Datasheet(HTML) 15 Page - Japan Aviation Electronics Industry, Ltd.

Back Button FO-BC-R-DC3 Datasheet HTML 11Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 12Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 13Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 14Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 15Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 16Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 17Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 18Page - Japan Aviation Electronics Industry, Ltd. FO-BC-R-DC3 Datasheet HTML 19Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
MB-0226-2
15/23
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
JN2/W
■ Receptacle
Connector Type
A: Receptacle for panel attachment
Contact size
L: #22
JN2 / W A W 15 P L 1
Modification Code
W: Weather resistant type
Series JN2
Connection Method
P: Crimp Pin
No. of Contacts : 15 pos.
Shell size W
■ Plug
Connector Type
D: Straight Plug
Contact size
L: #22
JN2 / W D W 15 S L 1
Modification Code
W: Weather resistant type
Series JN2
Connection Method
S: Crimp Socket
No. of Contacts : 15 pos.
Shell size W
Type
Part Number
SJ Drawing
Specification
Receptacle (Contacts sold separately)
JN2/WAW15PL1
SJ111163
JACS-50034
Plug (Contacts sold separately)
JN2/WDW15SL1
SJ111164
Plug Harness
Please contact us
Waterproof Cap for Receptacle
JN2-AW-DC3
SJ111719
JACS-50034-1
Rubber Cap for Receptacle
JN2-AW-DC1A
SJ113127
-
Ordering Information
Series JN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com