Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PF-2D103 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # PF-2D103
Description  Push-Pull, Easy Disconnection type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

PF-2D103 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  PF-2D103 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. PF-2D103 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. PF-2D103 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. PF-2D103 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MB-0130-2
2/4
JAE PMK Div. Proprietary. Copyright © 2006,Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
Plastic fiber (APF) type
Part Number: PF-2D103
Plastic clad fiber (PCF) type
Part Number: CF-2D103-S
Components
Materials
Slide lever
Glass filled PBT
Housing
Glass filled PBT
Clamp
Glass filled PBT
Protection tube(to protect end face
of ferrule )
Silicon rubber
Components
Materials
Slide lever
Glass filled PBT
Housing
Glass filled PBT
Stopper
Glass filled PBT
Ferrule
Copper alloy/ Ni plating
Spring
Stainless steel
Protection tube(to protect end face
of ferrule )
Silicon rubber
Note 3 PF(Plastic Ferrule) type is applicable to plastic fiber(APF) only.
Inside diameter of metal ferrule:
0.235 mm dia.
**
-2D  103
-S
No. of ferrules
2D: 2 pos.
Series
PF: Plastic ferrule
(Integrated with housing)
CF: Metal ferrule
Modification
103: Push—pull easy disconnection type
Ordering Information



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com