Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JN2/WDW15SL1 Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # JN2/WDW15SL1
Description  Outdoor Use Waterproof I/O Connectors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JN2/WDW15SL1 Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  JN2/WDW15SL1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JN2/WDW15SL1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JN2/WDW15SL1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JN2/WDW15SL1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JN2/WDW15SL1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JN2/WDW15SL1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JN2/WDW15SL1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JN2/WDW15SL1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JN2/WDW15SL1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MB-0226-2
4/23
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
- Specifications of harnessed products also depend on the specifications of the selected cables.
- For more information, please refer to the specifications and drawings of each product.
Series
Items
Specification and Performance
Specifications
in common
for all Series
Operating
Temperature
-40 Deg. C to 85 Deg. C
Repeated
Mating
500 times
Dustproof
Waterproof
Performance
IP67 (When mated)
Corrosion
Resistance
Corrosion resistance of 720 hours in salt spray
Optical
FO-BH
FO-BC
Mating Area
LC connector (IEC 61754-20 compliant)
- FO-BH: Device inner side
- FO-BC: Device inner side, plug mating area
No. of Fibers
- FO-BH: 1 optical fiber / 2 optical fibers
- FO-BC: 2 optical fibers
Insertion Loss
0.5dB max. / 1 connection
Return Loss
40dB min. (SM10 / 125: AdPC Polished)
25dB min. (GI50 / 125: PC Polished)
Cable Clamp
Force
200N min.
(when
tension member of cable center is fixed to plug)
Modular
NT5
Mating Area
8-contact modular connector (IEC 60603-7 compatible)
Transmission
Characteristic
Cat 5e (TIA/EIA-568-B.1)
Conductor
AWG24 Single Cable
Shield
Compatible
Cable Clamp
Force
100N min.
Electrical
JN2/W
No. of Contacts
15 position
Rated Current
3A / position (#22 size contact)
Rated Voltage
200VAC
Dielectric
Withstanding
Voltage
900VAC (for 1 minute)
Insulation
Resistance
1000M
 min. (500VDC applied voltage)
Terminal
Specification
Receptacle: Crimp connection 20 to 28 AWG
Plug: Crimp connection 20 to 28 AWG
Cable Clamp
Force
100N min.
Weather
Resistance
Xenon arc lamp light test: 1,500 hours
General Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com