Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC49 Datasheet(PDF) 3 Page - IQD Frequency Products Ltd

Part # HC49
Description  Quartz Crystal Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

HC49 Datasheet(HTML) 3 Page - IQD Frequency Products Ltd

  HC49 Datasheet HTML 1Page - IQD Frequency Products Ltd HC49 Datasheet HTML 2Page - IQD Frequency Products Ltd HC49 Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HC49/4H
Quartz Crystal Specification
Electrical Specification - maximum limiting values
Frequency
Min
Frequency
Max
Temperature Range
Stability
(Min)
Over Tone Order
ESR
°C
ppm
Ω
3.2MHz
3.999999MHz
0 to 50
Fundamental
300
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±100
4.0MHz
5.499999MHz
0 to 50
Fundamental
130
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±100
5.5MHz
7.999999MHz
0 to 50
Fundamental
60
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±100
8.0MHz
40.0MHz
0 to 50
Fundamental
40
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±100
26.0MHz
100.0MHz
0 to 50
3rd Overtone
100
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±100
*Stability Maximum values ±500ppm
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 20 Jul 16 15:27 using Model Data Sheet V1.2550
Page 3 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com