Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC49 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # HC49
Description  Crystal Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

HC49 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  HC49 Datasheet HTML 1Page - IQD Frequency Products Ltd HC49 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HC49/4H AUTO
Crystal Specification
ISSUE 2; April 2016
Outline (mm)
Outline (mm) -Gull-Wing = Gull-Wing
Description
Resistance welded, hermetically sealed metal package sealed
in an inert atmosphere with glass to metal seals securing the
lead wires and suitable for automotive applications. Qualified
to AEC-Q200 and with TS16949 release.
Holders suffixed ‘-3L’ have a centre third wire which grounds
the case.
Holders suffixed ‘Gull-Wing’ have a metal jacket for surface
mounting.
-3L 3 Lead
-Gull-Wing Gull-Wing
Please Note: For the Gull-Wing variant the tape and reel will
be in accordance with EIA-481-D, pack size 500pcs.
Frequency Parameters
Frequency
3.01MHz to 100.0MHz
±50.00ppm
Frequency Tolerance
@ 25°C
Tolerance Condition
Frequency Stability
±50.00ppm to ±150.00ppm
±5ppm max per year @ 25°C
Ageing
Electrical Parameters
3.0pF to 75.0pF
Load Capacitance (CL)
7pF max
Shunt Capacitance (C0)
50µW typ, 300µW max
Drive Level
Operating Temperature Ranges
-40 to 85°C
-40 to 125°C
Environmental Parameters
Storage Temperature Range: –45 to 130°C
Qualified to AEC-Q200.
Ordering Information
Frequency*
Model*
Variant*
Frequency Tolerance (@ 25°C)*
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Load Capacitance*
Overtone*
(*minimum required)
Example
10.0MHz HC49/4H AUTO
50/100/–40 to 125C/16 FUND
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Printed on 25 Apr 16 12:30 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - HC49

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HC49 HITACHI-HC49 Datasheet
44Kb / 8P
Dual 4-bit Decade Counters
logo
Golledge Electronics Lt...
HC49 GOLLEDGE-HC49 Datasheet
61Kb / 1P
STANDARD CRYSTAL
logo
ECM Electronics Limited...
HC49 ECM-HC49 Datasheet
73Kb / 1P
Standard Crystal
logo
EUROQUARTZ limited
HC49 EUROQUARTZ-HC49 Datasheet
158Kb / 1P
THROUGH-HOLE CRYSTALS
logo
Jauch Quartz Gmbh
HC49 JAUCH-HC49 Datasheet
106Kb / 2P
Quartz Crystal
More results

Similar Description - HC49

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
4SMX IQD-4SMX Datasheet
250Kb / 2P
Quartz Crystal Specification
12SMX-AUTO IQD-12SMX-AUTO Datasheet
166Kb / 2P
Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
Quartz Crystal Specification
HC49-4HSMX-AUTO IQD-HC49-4HSMX-AUTO Datasheet
163Kb / 2P
Crystal Specification
IQXC-104-AUTO IQD-IQXC-104-AUTO Datasheet
422Kb / 2P
Crystal Specification
IQXC-180-AUTO IQD-IQXC-180-AUTO Datasheet
155Kb / 2P
Crystal Specification
IQXC-228-AUTO IQD-IQXC-228-AUTO Datasheet
117Kb / 2P
Crystal Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com