Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4M28163PF-R Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K4M28163PF-R
Description  2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M28163PF-R Datasheet(HTML) 1 Page - Samsung semiconductor

  K4M28163PF-R Datasheet HTML 1Page - Samsung semiconductor K4M28163PF-R Datasheet HTML 2Page - Samsung semiconductor K4M28163PF-R Datasheet HTML 3Page - Samsung semiconductor K4M28163PF-R Datasheet HTML 4Page - Samsung semiconductor K4M28163PF-R Datasheet HTML 5Page - Samsung semiconductor K4M28163PF-R Datasheet HTML 6Page - Samsung semiconductor K4M28163PF-R Datasheet HTML 7Page - Samsung semiconductor K4M28163PF-R Datasheet HTML 8Page - Samsung semiconductor K4M28163PF-R Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
K4M28163PF - R(B)G/F
February 2004
Mobile-SDRAM
• 1.8V power supply.
• LVCMOS compatible with multiplexed address.
• Four banks operation.
• MRS cycle with address key programs.
-. CAS latency (1, 2 & 3).
-. Burst length (1, 2, 4, 8 & Full page).
-. Burst type (Sequential & Interleave).
• EMRS cycle with address key programs.
• All inputs are sampled at the positive going edge of the system
clock.
• Burst read single-bit write operation.
• Special Function Support.
-. PASR (Partial Array Self Refresh).
-. Internal TCSR (Temperature Compensated Self Refresh)
-. DS (Driver Strength)
• DQM for masking.
• Auto refresh.
• 64ms refresh period (4K cycle).
• Commercial Temperature Operation (-25
°C ~ 70°C).
• Extended Temperature Operation (-25
°C ~ 85°C).
• 54Balls FBGA with 0.8mm ball pitch
( -RXXX : Leaded, -BXXX : Lead Free).
FEATURES
The K4M28163PF is 134,217,728 bits synchronous high data
rate Dynamic RAM organized as 4 x 2,097,152 words by 16 bits,
fabricated with SAMSUNG’s high performance CMOS technol-
ogy. Synchronous design allows precise cycle control with the
use of system clock and I/O transactions are possible on every
clock cycle. Range of operating frequencies, programmable
burst lengths and programmable latencies allow the same
device to be useful for a variety of high bandwidth and high per-
formance memory system applications.
GENERAL DESCRIPTION
ORDERING INFORMATION
- R(B)G : Low Power, Extended Temperature(-25
°C ~ 85°C)
- R(B)F : Low Power, Commercial Temperature(-25
°C ~ 70°C)
Notes :
1. In case of 40MHz Frequency, CL1 can be supported.
2. Samsung are not designed or manufactured for use in a device or system that is used under circumstance in which human life is potentially at stake.
Please contact to the memory marketing team in samsung electronics when considering the use of a product contained herein for any specific
purpose, such as medical, aerospace, nuclear, military, vehicular or undersea repeater use.
Part No.
Max Freq.
Interface
Package
K4M28163PF-R(B)G/F75
133MHz(CL=3), 83MHz(CL=2)
LVCMOS
54 FBGA
Leaded (Lead Free)
K4M28163PF-R(B)G/F90
111MHz(CL=3), 83MHz(CL=2)
K4M28163PF-R(B)G/F1L
111MHz(CL=3)*1, 66MHz(CL=2)
2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA


Similar Part No. - K4M28163PF-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M28163PH-RBC SAMSUNG-K4M28163PH-RBC Datasheet
115Kb / 12P
2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M28163PH-RBE SAMSUNG-K4M28163PH-RBE Datasheet
115Kb / 12P
2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M28163PH-RBF1L SAMSUNG-K4M28163PH-RBF1L Datasheet
115Kb / 12P
2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M28163PH-RBF75 SAMSUNG-K4M28163PH-RBF75 Datasheet
115Kb / 12P
2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M28163PH-RBF90 SAMSUNG-K4M28163PH-RBF90 Datasheet
115Kb / 12P
2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results

Similar Description - K4M28163PF-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S51153LF SAMSUNG-K4S51153LF Datasheet
108Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M281633F SAMSUNG-K4M281633F Datasheet
114Kb / 12P
2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S56163PF SAMSUNG-K4S56163PF Datasheet
114Kb / 12P
4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M28163LF SAMSUNG-K4M28163LF Datasheet
115Kb / 12P
2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S51153PF SAMSUNG-K4S51153PF Datasheet
108Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M561633G SAMSUNG-K4M561633G Datasheet
114Kb / 12P
4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M281633H SAMSUNG-K4M281633H Datasheet
114Kb / 12P
2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M51163LC SAMSUNG-K4M51163LC Datasheet
114Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163LG SAMSUNG-K4M56163LG Datasheet
113Kb / 12P
2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M28163PH-RE SAMSUNG-K4M28163PH-RE Datasheet
115Kb / 12P
2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com