Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1728-220C3 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC1728-220C3
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC1728-220C3 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC1728-220C3 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC1728-220C3 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
2SC1728
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1A; IB= 50mA
0.3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 1A; IB= 50mA
1.0
V
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 30mA ; IB= 0
50
V
ICBO
Collector Cutoff Current
VCB= 25V; IE= 0
0.2
μ
A
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
0.2
μ
A
hFE-1
DC Current Gain
IC= 0.1A ; VCE= 2V
98
649
hFE-2
DC Current Gain
IC= 1A ; VCE= 2V
70
Cob
Output Capacitance
IE= 0 ; VCB= 10V, ftest= 1MHz
16
40
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com