Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC1815
Description  isc Silicon NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC1815 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC1815 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC1815 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Transistor
2SC1815
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 100mA ; IB= 10mA
0.25
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 100mA ; IB= 10mA
1.0
V
ICBO
Emitter Cutoff Current
VCB= 60V; IE= 0
0.1
μ
A
IEBO
Collector Cutoff Current
VEB= 5V; IC= 0
0.1
μ
A
hFE(1)
DC Current Gain
IC= 2mA ; VCE= 6V
70
700
hFE(2)
DC Current Gain
IC= 150mA ; VCE= 6V
25
fT
Current-Gain—Bandwidth Product
IC= 1mA; VCE= 10V;
80
MHz
Cob
Collector Output Capacitance
VCB=10V; IE=0; f=1MHz
3.5
pF
Rbb'
Base Intrinsic Resistance
VCE=10V,IE=-1mA;f=30MHz
50
Ω
NF
Noise Figure
VCE=6V,IC=0.1mA;f=1KHz,
RG=10KΩ
10
dB
hFE(1) Classifications
O
Y
GR
BL
70-140
120-400
200-400
350-700



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com