Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2120 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC2120
Description  isc Silicon NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC2120 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC2120 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC2120 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Transistor
2SC2120
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA; IB= 0
30
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 500mA ; IB= 20mA
0.5
V
VBE(on)
Base-Emitter On Voltage
IC= 10mA ; VCE= 1V
0.5
0.8
V
ICBO
Emitter Cutoff Current
VCB= 35V; IE= 0
0.1
μ
A
IEBO
Collector Cutoff Current
VEB= 5V; IC= 0
0.1
μ
A
hFE(1)
DC Current Gain
IC= 0.1A ; VCE= 1V
100
320
hFE(2)
DC Current Gain
IC= 0.7A ; VCE= 1V
35
fT
Current-Gain—Bandwidth Product
IC= 10mA; VCE= 5V; f= 100MHz
120
MHz
Cob
Collector Output Capacitance
VCB=10V; IE=0; f=1MHz
13
pF
hFE(1) Classifications
O
Y
100-200
160-320



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com