Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4331-Z Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC4331-Z
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4331-Z Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC4331-Z Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4331-Z Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
2SC4331-Z
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCE(sat)-1NOTE
Collector-Emitter Saturation Voltage IC= 3A; IB= 150mA
0.3
V
VCE(sat)-2NOTE
Collector-Emitter Saturation Voltage IC= 4A; IB= 200mA
0.5
V
VBE(sat)-1NOTE
Base-Emitter Saturation Voltage
IC= 3A; IB= 150mA
1.2
V
VBE(sat)-2NOTE
Base-Emitter Saturation Voltage
IC= 4A; IB= 200mA
1.5
V
ICBO
Collector Cutoff Current
VCB= 100V; IE= 0
10
μ
A
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
10
μ
A
hFE-1NOTE
DC Current Gain
IC= 0.5A; VCE= 2V
100
hFE-2NOTE
DC Current Gain
IC= 1A; VCE= 2V
100
400
hFE-3NOTE
DC Current Gain
IC= 3A; VCE= 2V
60
COB
Output Capacitance
IE= 0; VCB= 10V; f= 1.0MHz
60
pF
fT
Current-Gain—Bandwidth Product
IC= 500mA; VCE= 10V
150
MHz
NOTE:Pulse test PW≤350us,duty cycle ≤2%/pulse
hFE-2 Classifications
M
L
K
100-200
150-300 200-400



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com