Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC620CCVOA Datasheet(PDF) 15 Page - Microchip Technology

Part # TC620CCVOA
Description  5V, Dual Trip Point Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC620CCVOA Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC620CCVOA Datasheet HTML 11Page - Microchip Technology TC620CCVOA Datasheet HTML 12Page - Microchip Technology TC620CCVOA Datasheet HTML 13Page - Microchip Technology TC620CCVOA Datasheet HTML 14Page - Microchip Technology TC620CCVOA Datasheet HTML 15Page - Microchip Technology TC620CCVOA Datasheet HTML 16Page - Microchip Technology TC620CCVOA Datasheet HTML 17Page - Microchip Technology TC620CCVOA Datasheet HTML 18Page - Microchip Technology TC620CCVOA Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
 2001-2015 Microchip Technology Inc.
DS20001439E-page 15
TC620/TC621
APPENDIX A:
REVISION HISTORY
Revision E (February 2015)
1.
Removed the -55°C to 125°C temperature
range reference on page 1.
2.
Removed the M version temperature range from
page 3 (-55°C to 125°C).
3.
Added the Temperature Characteristics table.
4.
Added Section 5.0 “Packaging Information”.
5.
Added
the
Product
Identification
System
section.
Revision D (December 2012)
1.
Added a note to each package outline drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com