Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS2103F Datasheet(PDF) 7 Page - Rohm

Part # BS2103F
Description  High voltage High & Low-side, Gate Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BS2103F Datasheet(HTML) 7 Page - Rohm

Back Button BS2103F Datasheet HTML 3Page - Rohm BS2103F Datasheet HTML 4Page - Rohm BS2103F Datasheet HTML 5Page - Rohm BS2103F Datasheet HTML 6Page - Rohm BS2103F Datasheet HTML 7Page - Rohm BS2103F Datasheet HTML 8Page - Rohm BS2103F Datasheet HTML 9Page - Rohm BS2103F Datasheet HTML 10Page - Rohm BS2103F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/20
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
・
15
・
001
BS2103F
2.JUN.2016 Rev.003
TSZ02201-0Q3Q0BZ00490-1-2
Typical Performance Curves
(Unless otherwise specified: Ta=25°C, VCC=15V,VBS=15V,VS=COM,CL=1000pF)
Figure 8. Quiescent VCC Supply Current - VCC
Figure 9. Quiescent VCC Supply Current
– Ta
(VCC=15V)
Figure 10. Quiescent VBS Supply Current - VBS
Figure 11. Quiescent VBS Supply Current
– Ta
(VBS=15V)
0
1
2
3
4
5
6
0
1
2
3
4
5
6
Input Voltage VIN[V]
0
25
50
75
100
125
-40 -20
0
20 40
60 80 100 120 140
AMBIENT TEMPERATURE [°C]
0
20
40
60
80
100
0
2
4
6
8
10
12
14 16
18
VBS [V]
0
60
120
180
240
300
0
2
4
6
8
10
12
14
16
18
VCC [V]
50
100
150
200
250
300
-40 -20
0
20
40 60
80 100 120 140
AMBIENT TEMPERATURE [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com