Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6228PD Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6228PD
Description  DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228PD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6228PD Datasheet HTML 2Page - STMicroelectronics L6228PD Datasheet HTML 3Page - STMicroelectronics L6228PD Datasheet HTML 4Page - STMicroelectronics L6228PD Datasheet HTML 5Page - STMicroelectronics L6228PD Datasheet HTML 6Page - STMicroelectronics L6228PD Datasheet HTML 7Page - STMicroelectronics L6228PD Datasheet HTML 8Page - STMicroelectronics L6228PD Datasheet HTML 9Page - STMicroelectronics L6228PD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
L6228
6/26
Vth(ON)
Turn-on Input Threshold
1.8
2.0
V
Vth(OFF)
Turn-off Input Threshold
0.8
1.3
V
Vth(HYS) Input Threshold Hysteresis
0.25
0.5
V
Switching Characteristics
tD(ON)EN Enable to Output Turn-on Delay
Time (8)
ILOAD =1.4A, Resistive Load
500
650
800
ns
tD(OFF)EN Enable to Output Turn-off Delay
Time (8)
ILOAD =1.4A, Resistive Load
500
800
1000
ns
tRISE
Output Rise Time (8)
ILOAD =1.4A, Resistive Load
40
250
ns
tFALL
Output Fall Time (8)
ILOAD =1.4A, Resistive Load
40
250
ns
tDCLK
Clock to Output Delay Time (9)
ILOAD =1.4A, Resistive Load
2
µs
tCLK(min)L Minimum Clock Time (10)
1µs
tCLK(min)
H
Minimum Clock Time (10)
1µs
fCLK
Clock Frequency
100
KHz
tS(MIN)
Minimum Set-up Time (11)
1µs
tH(MIN)
Minimum Hold Time (11)
1µs
tR(MIN)
Minimum Reset Time (11)
1µs
tRCLK(MIN
)
Minimum Reset to Clock Delay
Time (11)
1µs
tDT
Dead Time Protection
0.5
1
µs
fCP
Charge Pump Frequency
Tj = -25°C to 125°C
(7)
0.6
1
MHz
PWM Comparator and Monostable
IRCA, IRCB Source Current at pins RCA and
RCB
VRCA = VRCB = 2.5V
3.5
5.5
mA
Voffset
Offset Voltage on Sense
Comparator
VREFA, VREFB = 0.5V
±5
mV
tPROP
Turn OFF Propagation Delay (12)
500
ns
tBLANK
Internal Blanking Time on
SENSE pins
1µs
tON(MIN) Minimum On Time
2.5
3
µs
tOFF
PWM Recirculation Time
ROFF = 20KΩ; COFF = 1nF
13
µs
ROFF = 100KΩ; COFF = 1nF
61
µs
ELECTRICAL CHARACTERISTICS (continued)
(Tamb = 25°C, Vs = 48V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com