Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6712A Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6712A
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6712A Datasheet HTML 14Page - STMicroelectronics L6712A Datasheet HTML 15Page - STMicroelectronics L6712A Datasheet HTML 16Page - STMicroelectronics L6712A Datasheet HTML 17Page - STMicroelectronics L6712A Datasheet HTML 18Page - STMicroelectronics L6712A Datasheet HTML 19Page - STMicroelectronics L6712A Datasheet HTML 20Page - STMicroelectronics L6712A Datasheet HTML 21Page - STMicroelectronics L6712A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
L6712A L6712
18/27
OUTPUT CAPACITOR
The output capacitor is a basic component for the fast response of the power supply.
Two-phase topology reduces the amount of output capacitance needed because of faster load transient
response (switching frequency is doubled at the load connections). Current ripple cancellation due to the
180° phase shift between the two phases also reduces requirements on the output ESR to sustain a spec-
ified voltage ripple.
Moreover, if DROOP function is enabled, bigger ESR can be used still keeping the same transient toler-
ances. In fact, when a load transient is applied to the converter's output, for first few microseconds the
current to the load is supplied by the output capacitors. The controller recognizes immediately the load
transient and increases the duty cycle, but the current slope is limited by the inductor value.
The output voltage has a first drop due to the current variation inside the capacitor (neglecting the effect
of the ESL):
A minimum capacitor value is required to sustain the current during the load transient without discharge
it. The voltage drop due to the output capacitor discharge is given by the following equation:
Where DMAX is the maximum duty cycle value. The lower is the ESR, the lower is the output drop during
load transient and the lower is the output voltage static ripple.
INDUCTOR DESIGN
The inductance value is defined by a compromise between the transient response time, the efficiency, the
cost and the size. The inductor has to be calculated to sustain the output and the input voltage variation
to maintain the ripple current
∆IL between 20% and 30% of the maximum output current. The inductance
value can be calculated with this relationship:
Where FSW is the switching frequency, VIN is the input voltage and VOUT is the output voltage.
Increasing the value of the inductance reduces the ripple current but, at the same time, reduces the con-
verter response time to a load transient. The response time is the time required by the inductor to change
its current from initial to final value. Since the inductor has not finished its charging time, the output current
is supplied by the output capacitors. Minimizing the response time can minimize the output capacitance
required.
The response time to a load transient is different for the application or the removal of the load: if during
the application of the load the inductor is charged by a voltage equal to the difference between the input
and the output voltage, during the removal it is discharged only by the output voltage. The following ex-
pressions give approximate response time for
∆I load transient in case of enough fast compensation net-
work response:
The worst condition depends on the input voltage available and the output voltage selected. Anyway the
∆V
OUT
∆I
OUT ESR
⋅
=
∆V
OUT
∆I
2
OUT
L
⋅
4C
OUT
V
In dma x
V
OUT
–
⋅
()
⋅⋅
--------------------------------------------------------------------------------
=
L
V
IN
V
OUT
–
fs
∆I
L
⋅
------------------------------
V
OUT
V
IN
---------------
⋅
=
t
a pplica tion
L
∆I
⋅
V
IN
V
OUT
–
------------------------------
t
removal
L
∆I
⋅
V
OUT
---------------
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com