Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC2311KI2-R0001T Datasheet(PDF) 15 Page - Microchip Technology

Part # DSC2311KI2-R0001T
Description  Crystal-less??Configurable Two-Output Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2311KI2-R0001T Datasheet(HTML) 15 Page - Microchip Technology

Back Button DSC2311KI2-R0001T Datasheet HTML 10Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 11Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 12Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 13Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 14Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 15Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 16Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 17Page - Microchip Technology DSC2311KI2-R0001T Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005611A-page 15
DSC2311
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
DSC2311KE1-RxxxxT: Crystal-less Configurable
Two-Output Clock Genera-
tor, 6-LD VDFN, Extended
Commercial Temp. Range,
±50 ppm Stability, Custom
Frequency (FOUT1 and
FOUT2), Tape & Reel
b)
DSC2311KM2-Rxxxx:
Crystal-less Configurable
Two-Output Clock Genera-
tor, 6-LD VDFN, Automotive
Temp. Range, ±25 ppm Sta-
bility, Custom Frequency
(FOUT1 and FOUT2), Tube
PART NO.
X
X
Package
Stability
Device
Device:
DSC2311:
Crystal-less Configurable Two-Output Clock
Generator
Package:
K
=
6-LEAD 2.5 mm x 2.0 mm VDFN
Temperature
Range:
E
=
–20
C to +70C (Extended Commercial)
I
=
–40
C to +85C (Industrial)
L
=
–40
C to +105C (Extended Industrial)
M=
–40
C to +125C (Automotive)
Stability:
1=
±50 ppm
2=
±25 ppm
Frequency:
Rxxxx
=
Custom Frequency Code
Packing Option:
Blank =
Tube
T=
Tape & Reel
X
Package
X
Temperature
Range
-Rxxxx
Frequency
Output Clock Frequencies
Output frequencies are factory-configured to individual customer
and product requirements, subject to output control and divider lim-
itations. Contact sales with your custom frequency needs.
Frequency Code
FOUT1 (MHz)
FOUT2 (MHz)
R0001
127
127
R0002
25
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com