Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC2311KM2-R0001T Datasheet(PDF) 3 Page - Microchip Technology

Part # DSC2311KM2-R0001T
Description  Crystal-less??Configurable Two-Output Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2311KM2-R0001T Datasheet(HTML) 3 Page - Microchip Technology

  DSC2311KM2-R0001T Datasheet HTML 1Page - Microchip Technology DSC2311KM2-R0001T Datasheet HTML 2Page - Microchip Technology DSC2311KM2-R0001T Datasheet HTML 3Page - Microchip Technology DSC2311KM2-R0001T Datasheet HTML 4Page - Microchip Technology DSC2311KM2-R0001T Datasheet HTML 5Page - Microchip Technology DSC2311KM2-R0001T Datasheet HTML 6Page - Microchip Technology DSC2311KM2-R0001T Datasheet HTML 7Page - Microchip Technology DSC2311KM2-R0001T Datasheet HTML 8Page - Microchip Technology DSC2311KM2-R0001T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005611A-page 3
DSC2311
Output Duty Cycle
SYM
45
—
55
%
—
Period Jitter (Note 5)JPER
—3
—
psRMS FO1 = FO2 = 25 MHz
Integrated Phase Noise
JCC
—0.3
—
psRMS
200 kHz to 20 MHz @
25 MHz
—0.38
—
100 kHz to 20 MHz @
25 MHz
—1.7
2
12 kHz to 20 MHz @
25 MHz
ELECTRICAL CHARACTERISTICS (CONTINUED)
Specifications: VDD = 3.3V; TA = +25°C unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Pin 4 VDD should be filtered with a 0.01 µF capacitor.
2:
Output is enabled if Enable pad is floated or not connected. Operating current = disabled current + ∆IDD
from FOUT1 + ∆IDD from FOUT2. See Current Consumption graph for more information.
3:
For other ppm stabilities, please contact the factory.
4:
tSU is time to 100 ppm stable output frequency after VDD is applied and outputs are enabled.
5:
Period jitter includes crosstalk from adjacent output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com