Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA08 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA08
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA08 Datasheet(HTML) 2 Page - Cirrus Logic

  PA08 Datasheet HTML 1Page - Cirrus Logic PA08 Datasheet HTML 2Page - Cirrus Logic PA08 Datasheet HTML 3Page - Cirrus Logic PA08 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
300V
OUTPUT CURRENT, within SOA
200mA
POWER DISSIPATION, internal at T
C = 25°C
17.5W
INPUT VOLTAGE, differential
±50V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder - 10s max
300°C
TEMPERATURE, junction1
175°C
TEMPERATURE RANGE, storage
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–55 to +125°C
PA08
PA08A
PARAMETER
TEST CONDITIONS 2
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
T
C = 25°C
±.5
±2
±.25
±.5
mV
OFFSET VOLTAGE, vs. temperature
T
C = –25°C to +85°C
±15
±30
±5
±10
µV/°C
OFFSET VOLTAGE, vs. supply
T
C = 25°C
±.5
*
2
µV/V
OFFSET VOLTAGE, vs. time
T
C = 25°C
±75
*
µV/√kh
BIAS CURRENT, initial3
T
C = 25°C
5
50
3
10
pA
BIAS CURRENT, vs. supply
T
C = 25°C
.01
*
pA/V
OFFSET CURRENT, initial3
T
C = 25°C
±2.5
±50
±1.5
±10
pA
INPUT IMPEDANCE, DC
T
C = 25°C
105
*
MΩ
INPUT CAPACITANCE
T
C = 25°C
4
*
pF
COMMON MODE VOLTAGE RANGE4
T
C = –25°C to +85°C
±V
S–10
*
V
COMMON MODE REJECTION, DC
T
C = –25°C to +85°C, VCM = ±90V
130
*
dB
GAIN
OPEN LOOP GAIN at 10Hz
T
C = 25°C, RL = ∞
118
*
dB
OPEN LOOP GAIN at 10Hz
T
C = 25°C, RL = 1.2KΩ
96
111
*
*
dB
GAIN BANDWIDTH PRODUCT at 1MHz T
C = 25°C, RL = 1.2KΩ
5
*
MHz
POWER BANDWIDTH
T
C = 25°C, RL = 1.2KΩ
90
*
kHz
PHASE MARGIN
T
C = –25 to +85°C
60
*
°
OUTPUT
VOLTAGE SWING4
T
C = 25°C, IO = 150mA
±V
S–15
±V
S–8
*
*
V
VOLTAGE SWING4
T
C = –25
o
C to +85oC, I
O = ±75mA
±V
S–10
±V
S–5
*
*
V
VOLTAGE SWING4
T
C = –25
o
C to +85oC, I
O = ±20mA
±V
S–5
±V
S–3
*
*
V
CURRENT, peak
T
C = 85°C
150
*
mA
SLEW RATE
T
C = 25°C
30
20
*
V/µs
CAPACITIVE LOAD, A
V = 1
T
C = –25 to +85°C
10
*
nF
CAPACITIVE LOAD, A
V > 4
T
C = –25 to +85°C
SOA
*
SETTLING TIME to .1%
T
C = 25°C, RL= 1.2KΩ, 2V step
1
*
µs
POWER SUPPLY
VOLTAGE
T
C = –55 to +125°C
±15
±100
±150
*
*
*
V
CURRENT, quiescent
T
C = 25°C
6
8.5
*
*
mA
THERMAL
RESISTANCE, AC junction to case5
T
C = –55 to +125°C, F > 60Hz
4.26
*
°C/W
RESISTANCE, DC junction to case
T
C = –55 to +125°C, F < 60Hz
6.22
8.57
*
*
°C/W
RESISTANCE, junction to air
T
C = –55 to +125°C
30
*
°C/W
TEMPERATURE RANGE, case
Meets full range specification
–25
85
*
*
°C
PA08 • PA08A
NOTES: *
The specification of PA08A is identical to the specification for PA08 in applicable column to the left.
1. Long term operation at the maximum junction temperature will result in reduced product life. Derate power dissipation to achieve
high MTTF.
2. The power supply voltage specified under typical (TYP) applies unless otherwise noted.
3. Doubles for every 10oC of temperature increase.
4. +V
S and –VS denote the positive and negative supply rail respectively.
5. Rating applies only if output current alternates between both output transistors at a rate faster than 60Hz.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com