Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6712ADTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6712ADTR
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712ADTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6712ADTR Datasheet HTML 10Page - STMicroelectronics L6712ADTR Datasheet HTML 11Page - STMicroelectronics L6712ADTR Datasheet HTML 12Page - STMicroelectronics L6712ADTR Datasheet HTML 13Page - STMicroelectronics L6712ADTR Datasheet HTML 14Page - STMicroelectronics L6712ADTR Datasheet HTML 15Page - STMicroelectronics L6712ADTR Datasheet HTML 16Page - STMicroelectronics L6712ADTR Datasheet HTML 17Page - STMicroelectronics L6712ADTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
L6712A L6712
14/27
centage with respect to the load value, it can be simply considered that, for example, to have on OCP
threshold of 200%, this will correspond to IINFOx = 35
µA (IFB = 70µA). The full load current will then corre-
spond to IINFOx = 17.5
µA (IFB = 35µA).
Once the UVP threshold has been intercepted, the device resets with all power mosfets turned OFF. An-
other soft start is then performed allowing the device to recover from OCP once the over load cause has
been removed.
Crossing the UVP threshold causes the device to reset: all mosfets are turned off and a new soft start is
then implemented allowing the device to recover if the over load cause has been removed.
■ L6712A - Fixed Maximum Duty Cycle Limitation
The maximum duty cycle is fixed and constant with the delivered current. The device works in constant
current operation once the OCP threshold has overcome. Refer to the above Constant Current section in
which only the different value in the maximum duty has to be considered as follow:
All the above reported relationships about the deliverable current once in quasi-constant current and con-
stant current are still valid in this case.
REMOTE SENSE AMPLIFIER
Remote Sense Amplifier is integrated in order to recover from losses across PCB traces and wiring in high
current DC/DC converter remote sense of the regulated voltage is required to maintain precision in the
regulation. The integrated amplifier is a low-offset error amplifier; external resistors are needed as shown
in figure 7 to implement a differential remote sense amplifier.
Figure 7. Remote Sense Amplifier Connections
Equal resistors give to the resulting amplifier a unity gain: the programmed reference will be regulated
across the remote load.
To regulate output voltages different from the available references, the Remote Amplifier gain can be ad-
justed simply changing the value of the external resistors as follow (see Figure 7):
to regulate a voltage double of the reference, the above reported gain must be equal to ½.
Modifying the Remote Amplifier Gain (in particular with values higher than 1) allows also to regulate volt-
ages lower than the programmed reference.
Since this Amplifier is connected as a differential amplifier, when calculating the offset introduced
I
p eak
I
OCPx
V
IN
Vout
min
–
L
-------------------------------------- Ton
MAX
I
OCPx
V
IN
Vout
MIN
–
L
--------------------------------------- 0.85 T
⋅⋅
+
=
⋅
+
=
Reference
IDROOP
REMOTE
AMPLIFIER
ERROR
AMPLIFIER
DROOP
FB
COMP
VSEN
FBG
FBR
Remote
Ground
Remote
VOUT
RF
CF
RFB
R2
R2
R1
R1
Reference
IDROOP
REMOTE
AMPLIFIER
ERROR
AMPLIFIER
DROOP
FB
COMP
VSEN
FBG
FBR
VOUT
RF
CF
RFB
RB used
RB Not Used
RA_Gain
V
VSEN
Remote_V
OUT
Remote_GND
–
----------------------------------------------------------------------------------------
=
R2
R1
--------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com