Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF13007 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF13007
Description  Digital Gain Set
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF13007 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LF13007 Datasheet HTML 1Page - National Semiconductor (TI) LF13007 Datasheet HTML 2Page - National Semiconductor (TI) LF13007 Datasheet HTML 3Page - National Semiconductor (TI) LF13007 Datasheet HTML 4Page - National Semiconductor (TI) LF13007 Datasheet HTML 5Page - National Semiconductor (TI) LF13007 Datasheet HTML 6Page - National Semiconductor (TI) LF13007 Datasheet HTML 7Page - National Semiconductor (TI) LF13007 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage Va to Vb
36V
Supply Voltage Va to GND
25V
Voltage at Any Digital Input
Va to GND
Analog Voltage
Va to (Vb a 2V)
Operating Ratings (Note 1)
Operating Temperature Range
b
40 Cto a85 C
Lead Temp (Soldering 10 seconds)
260 C
Electrical Characteristics (Note 2)
Typ
Tested
Design
Parameter
Conditions
(Note 3)
Limit
Limit
Units
(Note 4)
(Note 5)
Gain Error
AOUTe g10V
03
05
05
%(max)
ANA GNDe0V
IINPUTk10 nA
Gain Temperature Coefficient
AOUTe g10V
0001
% C
ANA GNDe0V
Digital Input Voltage
Low
14
08
08
V(max)
High
16
20
20
V(min)
Digital Input Current
Low
VILe0V
b
38
b
100
b
100
m
A(max)
High
VIHe5V
00001
1
1
m
A(max)
Positive Power Supply Current
All Logic Inputs Low
2
5
5
mA(max)
Negative Power Supply Current
All Logic Inputs Low
b
17
b
5
b
5
mA(max)
Write Pulse Width tW
VILe0V VIHe5V
150
ns(min)
Chip Select Set-Up Time tCS
VILe0V VIHe5V
250
ns(min)
Chip Select Hold Time tCH
VILe0V VIHe5V
0
ns(min)
DIG IN Set-Up Time tDS
VILe0V VIHe5V
150
ns(min)
DIG IN Hold Time tDH
VILe0V VIHe5V
60
ns(min)
Switching Time for Gain Change
(Note 4)
200
ns(max)
Switch On Resistance
3
kX
Unit Resistance R
15
12 – 18
kX
R1 and R2 Mismatch
03
05
05
%(max)
R1R2 Temperature Coefficient
0001
% C
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions
Note 2
Parameters are specified at Va e15V and Vb eb15V Min Va to ground voltage is 5V Min Va to Vb voltage is 5V Boldface numbers apply over full
operating temperature ranges
All other numbers apply at TAeTje25 C
Note 3
Typicals are at 25 C and represent most likely parametric norm
Note 4
Guaranteed and 100% production tested
Note 5
Guaranteed (but not 100% production tested) over the operating temperature These limits are not used to calculate outgoing quality levels
Note 6
Settling time for gain change is the switching time for gain change plus settling time (see section on Settling Time)
Note 7
WR minimum high threshold voltage increases to 24V under the extreme conditions when all three digital inputs are simultaneously taken from 0V to 5V at
a slew rate of greater than 500V mS
GAIN TABLE
Digital Input
Gain
LF13006
LF13007
DIG in 3
DIG in 2
DIG in 1
AOUT
BOUT
AOUT
BOUT
0
0
0
1111
0
0
1
2
125
125
1
0
1
0
4
25
2
16
0
1
1
8554
1
0
0
16
10
10
8
1
0
1
32
20
20
16
1
1
0
64
40
50
40
1
1
1
128
80
100
80
Connection Diagram
Dual-In-Line Package
TLH5114 – 2
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com