Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9552PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9552PW
Description  16-bit I2C LED driver with programmable blink rates
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552PW Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9552PW Datasheet HTML 1Page - NXP Semiconductors PCA9552PW Datasheet HTML 2Page - NXP Semiconductors PCA9552PW Datasheet HTML 3Page - NXP Semiconductors PCA9552PW Datasheet HTML 4Page - NXP Semiconductors PCA9552PW Datasheet HTML 5Page - NXP Semiconductors PCA9552PW Datasheet HTML 6Page - NXP Semiconductors PCA9552PW Datasheet HTML 7Page - NXP Semiconductors PCA9552PW Datasheet HTML 8Page - NXP Semiconductors PCA9552PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Philips Semiconductors
Product data sheet
PCA9552
16-bit I2C LED driver with
programmable blink rates
2
2004 Oct 01
FEATURES
• 16 LED drivers (on, off, flashing at a programmable rate)
• 2 selectable, fully programmable blink rates (frequency and duty
cycle) between 0.172 Hz and 44 Hz (5.82 and 0.023 seconds)
• Input/outputs not used as LED drivers can be used as regular
GPIOs
• Internal oscillator requires no external components
• I2C-bus interface logic compatible with SMBus
• Internal power-on reset
• Noise filter on SCL/SDA inputs
• Active-LOW reset input
• 16 open drain outputs directly drive LEDs to 25 mA
• Edge rate control on outputs
• No glitch on power-up
• Supports hot insertion
• Low stand-by current
• Operating power supply voltage range of 2.3 V to 5.5 V
• 0 to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114,
150 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
• Packages offered: SO24, TSSOP24, HVQFN24
DESCRIPTION
The PCA9552 LED Blinker blinks LEDs in I2C-bus and SMBus
applications where it is necessary to limit bus traffic or free up the
I2C Master’s (MCU, MPU, DSP, chipset, etc.) timer. The uniqueness
of this device is the internal oscillator with two programmable blink
rates. To blink LEDs using normal I/O Expanders like the PCF8574
or PCA9554, the bus master must send repeated commands to turn
the LED on and off. This greatly increases the amount of traffic on
the I2C-bus and uses up one of the master’s timers. The PCA9552
LED Blinker instead requires only the initial set up command to
program BLINK RATE 1 and BLINK RATE 2 (i.e., the frequency and
duty cycle) for each individual output. From then on, only one
command from the bus master is required to turn each individual
open drain output ON, OFF, or to cycle at BLINK RATE 1 or BLINK
RATE 2. Maximum output sink current is 25 mA per bit and 200 mA
per package.
Any bits not used for controlling the LEDs can be used for General
Purpose Parallel Input/Output (GPIO) expansion.
The active-LOW hardware reset pin (RESET) and Power-On Reset
(POR) initializes the registers to their default state, all zeroes,
causing the bits to be set HIGH (LED off).
Three hardware address pins on the PCA9552 allow eight devices
to operate on the same bus.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
TOPSIDE MARK
DRAWING NUMBER
24-pin plastic SO
–40
°C to +85 °C
PCA9552D
PCA9552D
SOT137-1
24-pin plastic TSSOP
–40
°C to +85 °C
PCA9552PW
PCA9552PW
SOT355-1
24-pin plastic HVQFN
–40
°C to +85 °C
PCA9552BS
9552
SOT616-1
Standard packing quantities and other packaging data are available at www.standardproducts.philips.com/packaging.
I2C is a trademark of Philips Semiconductors Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com