Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26
Description  Accurate, Factory Preset Thermostat
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM26 Datasheet HTML 1Page - National Semiconductor (TI) LM26 Datasheet HTML 2Page - National Semiconductor (TI) LM26 Datasheet HTML 3Page - National Semiconductor (TI) LM26 Datasheet HTML 4Page - National Semiconductor (TI) LM26 Datasheet HTML 5Page - National Semiconductor (TI) LM26 Datasheet HTML 6Page - National Semiconductor (TI) LM26 Datasheet HTML 7Page - National Semiconductor (TI) LM26 Datasheet HTML 8Page - National Semiconductor (TI) LM26 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Ordering Information
For more detailed information on the suffix meaning see the part number template at the end of the Electrical Characteris-
tics Section. Contact National Semiconductor for other set points and output options.
Order Number
Top Mark
NS Package
Number
Trip Point Setting
Output Function
Bulk Rail
3000 Units in Tape & Reel
LM26CIM5-NPA
LM26CIM5X-NPA
TNPA
MA05B
45˚C
Open Drain OS
LM26CIM5-PHA
LM26CIM5X-PHA
TPHA
MA05B
50˚C
Open Drain OS
LM26CIM5-RPA
LM26CIM5X-RPA
TRPA
MA05B
65˚C
Open Drain OS
LM26CIM5-SHA
LM26CIM5X-SHA
TSHA
MA05B
70˚C
Open Drain OS
LM26CIM5-SPA
LM26CIM5X-SPA
TSPA
MA05B
75˚C
Open Drain OS
LM26CIM5-TPA
LM26CIM5X-TPA
TTPA
MA05B
85˚C
Open Drain OS
LM26CIM5-VHA
LM26CIM5X-VHA
TVHA
MA05B
90˚C
Open Drain OS
LM26CIM5-VPA
LM26CIM5X-VPA
TVPA
MA05B
95˚C
Open Drain OS
LM26CIM5-XHA
LM26CIM5X-XHA
TXHA
MA05B
100˚C
Open Drain OS
LM26CIM5-XPA
LM26CIM5X-XPA
TXPA
MA05B
105˚C
Open Drain OS
LM26CIM5-YHA
LM26CIM5X-YHA
TYHA
MA05B
110˚C
Open Drain OS
LM26CIM5-YPA
LM26CIM5X-YPA
TYPA
MA05B
115˚C
Open Drain OS
LM26CIM5-ZHA
LM26CIM5X-ZHA
TZHA
MA05B
120˚C
Open Drain OS
Connection Diagram
10132302
Pin Description
Pin
Number
Pin
Name
Function
Connection
1
HYST
Hysteresis control, digital input
GND for 10˚C or V
+ for 2˚C
2
GND
Ground, connected to the back side of
the die through lead frame.
System GND
3V
TEMP
Analog output voltage proportional to
temperature
Leave floating or connect to a high impedance
node.
4V
+
Supply input
2.7V to 5.5V with a 0.1µF bypass capacitor. For
PSRR information see Section Titled NOISE
CONSIDERATIONS.
5OS
Overtemperature Shutdown open-drain
active low thermostat digital output
Controller interrupt, system or power supply
shutdown; pull-up resistor
≥ 10kΩ
OS
Overtemperature Shutdown push-pull
active high thermostat digital output
Controller interrupt, system or power supply
shutdown
US
Undertemperature Shutdown open-drain
active low thermostat digital output
System or power supply shutdown; pull-up
resistor
≥ 10kΩ
US
Undertemperature Shutdown push-pull
active high thermostat digital output
System or power supply shutdown
Note: pin 5 functionality and trip point setting are programmed during LM26 manufacture.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com