Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM41 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM41
Description  Hardware Monitor with Thermal Diode Inputs and SensorPath??Bus
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM41 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM41 Datasheet HTML 19Page - National Semiconductor (TI) LM41 Datasheet HTML 20Page - National Semiconductor (TI) LM41 Datasheet HTML 21Page - National Semiconductor (TI) LM41 Datasheet HTML 22Page - National Semiconductor (TI) LM41 Datasheet HTML 23Page - National Semiconductor (TI) LM41 Datasheet HTML 24Page - National Semiconductor (TI) LM41 Datasheet HTML 25Page - National Semiconductor (TI) LM41 Datasheet HTML 26Page - National Semiconductor (TI) LM41 Datasheet HTML 27Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
2.0 Register Set (Continued)
Analog Input Voltage Mapping
Sensor
Number
(SNUM)
Voltage Input
Input Voltage
for Nominal
Reading
(code 384 or
180h)
Maximum
Input Voltage
Range (V for
code 510.5 to
Max V
IN for
pin)
Register
Reading at
Maximum
Voltage
Range
Minimum
Input Voltage
Register
Reading at
Minimum
Voltage
Resolution
0
+2.5V
2.5V
3.32V to 6V
1FFh
-0.5V to
3.26mV
00h
6.51mV
1
+1.2V
1.2V
1.6V to 6V
1FFh
-0.5V to
2.63mV
00h
5.86mV
2
+3.3V_SBY
(V+)
3.3V
4.39V to 6V
1FFh
3.0V
15Dh
8.59mV
3
+5V
5V
6.65V
1FFh
-0.5V to
6.51mV
00h
13.02mV
4
+12V
12V
15.95V to 16V 1FFh
-0.5V to
15.63mV
00h
31.25mV
2.10.4 Voltage Control (Addr: 010 010; 12h)
This register is set to the reset value by a Device Reset.
Reg
Add
Register
Name
R/
W
P
O
R
Val
Bit
15
MSb
Bit
14
Bit
13
Bit
12
Bit
11
Bit
10
Bit
9
Bit
8
Bit
7
Bit
6
Bit
5
Bit
4
Bit
3
Bit
2
Bit
1
Bit
0
LSb
010 010
Voltage
Control
R/
W
1Fh
Reserved
EN4 EN3 EN2 EN1 EN0 ATE
Low Rate Function
(Read Only)
00000
11111
Bit
Type
Description
4-0
RO
Low Rate Function
This function is not supported by the LM41 and therefore this field is read only.
5
R/W
ATE (Attention Enable). When set, this bit enables an Attention Request signal to be generated by the
LM41, if one or more EN0-EN4 bits of this register are set.
0: Attention Request disabled (from enabled Temperature Sensor- default)
1: Attention Request enabled
6
R/W
EN0 (Enable Sensor 0). When this bit is set, the Voltage Sensor 0 is enabled for voltage measurements.
0: Voltage Sensor disabled (default)
1: Voltage Sensor enabled
10-7
R/W
EN1-EN4 (Enable Sensor 1-4). Same as EN0 for Voltage sensors 1-4.
0: Voltage Sensor disabled (default)
1: Voltage Sensor enabled
15-11
RO
Reserved. Will always read "0".
2.11 CONVERSION RATE (Addr: 100 000; 20h)
Reg Add
Register Name
R/
W
P
O
R
Val
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LSb
100 000
Conversion Rate
R/
W
2h
Reserved
CR1
CR0
000000
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com